Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 25Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 26Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 23
(This specification is subject to change without further notice)
Bit 5 (ADIE): ADIF interrupt enable bit
0 = disable ADIF interrupt
1 = enable ADIF interrupt
Bit 4 (CMPIE): CMPIF interrupt enable bit.
0 = disable CMPIF interrupt
1 = enable CMPIF interrupt
Bit 3 (PSWE): Prescaler enable bit for WDT
0 = prescaler disable bit, WDT rate is 1:1
1 = prescaler enable bit, WDT rate is set as Bit2 ~ Bit0
Bit 2 ~ Bit 0 (PSW2 ~ PSW0): WDT prescaler bits
PSW2
PSW1
PSW0
WDT Rate
0
0
0
1:2
0
0
1
1:4
0
1
0
1:8
0
1
1
1:16
1
0
0
1:32
1
0
1
1:64
1
1
0
1:128
1
1
1
1:256
6.2.11
IOCF0 (Interrupt Mask Register)
7
6
5
4
3
2
1
0
LPWTIE
HPWTIE
TCCCIE
TCCBIE
TCCAIE
EXIE
ICIE
TCIE
NOTE
■ The IOCF0 register is both readable and writable
■ Individual interrupt is enabled by setting its associated control bit in the IOCF0 and in
IOCE0 Bit 4 & 5 to "1".
■ Global interrupt is enabled by the ENI instruction and is disabled by the DISI
instruction. Refer to Fig. 6-7 (Interrupt Input Circuit) under Section 6.6 (Interrupt).
Bit 7 (LPWTIE): LPWTIF interrupt enable bit
0 = Disable LPWTIF interrupt
1 = Enable LPWTIF interrupt
Bit 6 (HPWTIE): HPWTIF interrupt enable bit
0 = Disable HPWTIF interrupt
1 = Enable HPWTIF interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com