Electronic Components Datasheet Search
  English  ▼

X  

EM78P259NP Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78P259NP
Description  8-Bit Microprocessor with OTP ROM
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P259NP Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78P259NP Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P259NP Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
EM78P259N/260N
8-Bit Microprocessor with OTP ROM
Product Specification (V1.0) 06.16.2005
• 43
(This specification is subject to change without further notice)
External interrupt equipped with digital noise rejection circuit (input pulse less than 8
system clocks time) is eliminated as noise. However, under Low XTAL oscillator (LXT)
mode the noise rejection circuit will be disabled. Edge selection is possible with INTE
of CONT. When an interrupt is generated by the External interrupt (when enabled), the
next instruction will be fetched from address 003H. Refer to the Word 1 Bits 9 & 8
(Section 6.14.2, Code Option Register (Word1)) for digital noise rejection definition
RF and RE are the interrupt status register that records the interrupt requests in the
relative flags/bits. IOCF0 and IOCE0 are interrupt mask registers. The global interrupt
is enabled by the ENI instruction and is disabled by the DISI instruction. Once in the
interrupt service routine, the source of an interrupt can be determined by polling the flag
bits in RF. The interrupt flag bit must be cleared by instructions before leaving the
interrupt service routine to avoid recursive interrupts.
The flag (except for the ICIF bit) in the Interrupt Status Register (RF) is set regardless of
the ENI execution. Note that the result of RF will be the logic AND of RF and IOCF0
(refer to figure below). The RETI instruction ends the interrupt routine and enables the
global interrupt (the ENI execution).
When an interrupt is generated by the Timer clock/counter (when enabled), the next
instruction will be fetched from Address 009, 018, 01B, and 01EH (TCC, TCCA, TCCB,
and TCCC respectively).
When an interrupt generated by the AD conversion is completed (when enabled), the
next instruction will be fetched from Address 00CH.
When an interrupt is generated by the High time / Low time down counter underflow
(when enabled), the next instruction will be fetched from Address 012 and 015H (High
time and Low time respectively).
When an interrupt is generated by the Comparators (when enabled), the next
instruction will be fetched from Address) 00FH (Comparator interrupt).
Before the interrupt subroutine is executed, the contents of ACC and the R3 and R4
registers will be saved by the hardware. If another interrupt occurs, the ACC, R3, and
R4 will be replaced by the new interrupt. After the interrupt service routine is completed,
the ACC, R3, and R4 registers are restored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com