Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 37Page - NXP Semiconductors AFD4400 Datasheet HTML 38Page - NXP Semiconductors AFD4400 Datasheet HTML 39Page - NXP Semiconductors AFD4400 Datasheet HTML 40Page - NXP Semiconductors AFD4400 Datasheet HTML 41Page - NXP Semiconductors AFD4400 Datasheet HTML 42Page - NXP Semiconductors AFD4400 Datasheet HTML 43Page - NXP Semiconductors AFD4400 Datasheet HTML 44Page - NXP Semiconductors AFD4400 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
Electrical characteristics
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Freescale Semiconductor
41
3.1.6
SerDes DC parameters
The following subsections define the DC-level requirements for the CPRI, SGMII and JESD204B data lines.
3.1.6.1
DC-level requirements for CPRI configurations
This section provide various DC-level requirements for CPRI configurations.
This table provides the CPRI-LV-XAUI based transmitter DC specifications.
This table provides the CPRI-LV-XAUI based receiver DC specifications.
Rres
Driver 240
Ω unit
calibration resolution
——
—
10
Ω
4
Rkeep
Pad keeper resistance
—
105
135
175
k
Ω
3,4
Rod_keep
Maximum external
resistor value that is
guaranteed to overdrive
the pad keeper
——
—
47
k
Ω
4
Note:
1. VTT is not applied directly to the device. It is the supply to which far end signal termination is made, and it is expected to
be equal to Vref with a min value of Vref - 0.04 and a max value of Vref + 0.04. VTT should track variations in the DC
level of Vref.
2. Typ condition: typ model, VDDDDR 1.5 V, and 25 °C. Max condition: bcs model, VDDDDR1.575 V, and –40 °C. Min
condition: wcs model, VDDDDR 1.425 V, and 125 °C.
3. Typ condition: typ model, VDDDDR 1.5 V, and 25 °C, max condition: wcs model, VDDDDR 1.425 V, and 125 °C, min
condition: bcs model, VDDDDR 1.575 V, and –40 °C. These values are for digital IO buffers.
4. Values are based on simulated numbers and are not measured on silicon.
Table 11. Transmitter DC specifications (LV: 1.2288, 2.4576 and 3.072 Gbps)(SDn_XPADVDD=1.5)
Symbol
Characteristic
Min
Nom
Max
Unit
Note
VDIFF_P-P
Differential Output Voltage
800
1600
mV p–p
—
RD
Differential resistance
80
100
120
Ω
—
Table 12. Receiver DC specifications (LV: 1.2288, 2.4576 and 3.072 Gbps) (SDn_XPADVDD=1.5)
Symbol
Characteristic
Min
Nom
Max
Unit
Note
VIN
Differential input voltage
200
1600
mV p–p
—
RIN
Differential resistance
80
120
Ω
—
Table 10. DDR DC electrical characteristics (continued)
Symbol
Parameter
Test
conditions
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com