Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 60Page - NXP Semiconductors AFD4400 Datasheet HTML 61Page - NXP Semiconductors AFD4400 Datasheet HTML 62Page - NXP Semiconductors AFD4400 Datasheet HTML 63Page - NXP Semiconductors AFD4400 Datasheet HTML 64Page - NXP Semiconductors AFD4400 Datasheet HTML 65Page - NXP Semiconductors AFD4400 Datasheet HTML 66Page - NXP Semiconductors AFD4400 Datasheet HTML 67Page - NXP Semiconductors AFD4400 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Electrical characteristics
Freescale Semiconductor
64
This figure shows the RMII receive AC timing diagram.
Figure 19. RMII receive AC timing diagram
3.6.5.4
MII management AC timing specifications
This table provides the MII management AC timing specifications.
Table 41. MII management AC timing specifications
At recommended operating conditions with VDDGPIO = 3.3 V ± 5%.
Parameter
Symbol1
Min
Typ
Max
Unit
Notes
MDC frequency
fMDC
——
2.5
MHz
1
MDC period
tMDC
400
—
—
ns
—
MDC clock pulse width high
tMDCH
32
—
—
ns
—
MDC to MDIO delay
tMDKHDX
(8
× taxi) – 3
—
(8
× taxi) + 3
ns
2, 3
MDIO to MDC setup time
tMDDVKH
15
—
—
ns
—
MDIO to MDC hold time
tMDDXKH
0—
—
ns
—
Notes:
1. This parameter is dependent on the platform clock frequency (MIIMCFG [MgmtClk] field determines the clock frequency
of the MgmtClk Clock MDC).
2. This parameter is dependent on the platform (AXI) clock frequency (faxi). The delay is equal to 8 platform clock periods
±3 ns. For example, with a platform clock of 307.2 MHz, the min/max delay is 26 ns ± 3 ns.
3. taxi is the platform AXI bus clock.
TSEC1_TX_CLK
TSEC1_RXD[1:0]
tRMRDX
tRMR
tRMRH
tRMRR
tRMRF
TSEC1_CRS_DV
TSEC1_RX_ER
tRMRDV
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com