Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 42Page - NXP Semiconductors AFD4400 Datasheet HTML 43Page - NXP Semiconductors AFD4400 Datasheet HTML 44Page - NXP Semiconductors AFD4400 Datasheet HTML 45Page - NXP Semiconductors AFD4400 Datasheet HTML 46Page - NXP Semiconductors AFD4400 Datasheet HTML 47Page - NXP Semiconductors AFD4400 Datasheet HTML 48Page - NXP Semiconductors AFD4400 Datasheet HTML 49Page - NXP Semiconductors AFD4400 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Electrical characteristics
Freescale Semiconductor
46
3.4
Power characteristics
3.4.1
Power specifications
3.4.1.1
Device AFD4400NXN763VB power specification
This table defines the frequency settings used for specifying power consumption. All power states are specified at 105oC
junction temperature.
This table provides the current consumption in various operating modes.
Table 21. Frequency definition for power consumption measurement
Parameter
Symbol
Value
Unit
ARM® Cortex-A9 core clock
fmcu
614.4
MHz
VSP clock
fVSP
614.4
MHz
AXI clock
faxi
307.2
MHz
AHB clock
fahb
153.6
MHz
IPG clock
fip
76.8
MHz
CPRI baud rate
fcpri
9830.4
Mbps
JESD204 baud rate
fjesd
9830.4
Mbps
Ethernet (SGMII) baud rate
fetsec
1250
Mbps
DDR clock rate
fddr
500
MHz
Table 22. Power numbers
Characteristic
Condition
Full run mode
• All VSPA running FIR with 100% utilization
• ARM running code with 100% utilization.
• ARM Data accesses from DDR memory
• 8 JESD TX and 8 JESD RX at 9.8G rate, 1 lane
per interface
• 2 JESD RX for SRx function at 9.8G rate
• 4 CPRI running at 9.8G, 2 links in RE mode, 2
links in REC mode
• 2 Ethernet ports running at 1.25G
Maximum
105
VID
33.2
37.1
1,3,4
• All VSPA running FIR 70% with 10% control
code
• ARM running code with 75% utilization
• 8 JESD TX and 8 JESD RX at 9.8G rate, 1 lane
per interface
• 2 JESD RX for SRx function at 9.8G rate
• 4 CPRI running at 9.8G, 2 links in RE mode, 2
links in REC mode
Thermal
105
VID
26.2
30.1
2,3,4
Typical
70
VID
22.4
26.3
2,3,4,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com