Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 59Page - NXP Semiconductors AFD4400 Datasheet HTML 60Page - NXP Semiconductors AFD4400 Datasheet HTML 61Page - NXP Semiconductors AFD4400 Datasheet HTML 62Page - NXP Semiconductors AFD4400 Datasheet HTML 63Page - NXP Semiconductors AFD4400 Datasheet HTML 64Page - NXP Semiconductors AFD4400 Datasheet HTML 65Page - NXP Semiconductors AFD4400 Datasheet HTML 66Page - NXP Semiconductors AFD4400 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
Electrical characteristics
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Freescale Semiconductor
63
WARNING
Freescale guarantees timings generated from the MAC. Board designers must ensure
delays needed at the PHY or the MAC.
3.6.5.3
RMII AC timing specifications
In RMII mode, the reference clock should be fed to TSEC1_TX_CLK. This section describes the RMII transmit and receive
AC timing specifications.
This table lists the RMII transmit AC timing specifications.
This figure shows the RMII transmit AC timing diagram.
Figure 18. RMII transmit AC timing diagram
This table lists the RMII receive AC timing specifications.
Table 39. RMII transmit AC timing specifications
Parameter
Symbol
Min
Typ
Max
Unit
Typ
TSEC1_TX_CLK clock period
tRMT
—20.0
—
ns
—
TSEC1_TX_CLK duty cycle
tRMTH
35
—
65
%
—
TSEC1_TX_CLK peak-to-peak jitter
tRMTJ
——250
ps
—
TSEC1_TX_CLK to RMII data TXD[1:0], TX_EN delay tRMTDX
2.0
—
10.0
ns
—
Table 40. RMII receive AC timing specifications
Parameter
Symbol
Min
Typ
Max
Unit
Note
TSEC1_TX_CLK clock period
tRMR
—
20.0
—
ns
—
TSEC1_TX_CLK duty cycle
tRMRH
35
—
65
%
—
TSEC1_TX_CLK peak-to-peak jitter
tRMRJ
——
250
ps
—
RXD[1:0], CRS_DV, RX_ER set-up time to TSEC1_TX_CLK
rising edge
tRMRDV
4.0
—
—
ns
—
RXD[1:0], CRS_DV, RX_ER hold time to TSEC1_TX_CLK
rising edge
tRMRDX
2.0
—
—
ns
—
TSEC1_TX_CLK
TSEC1_TXD[1:0]
tRMTDX
tRMT
tRMTH
tRMTR
tRMTF
TSEC1_TX_EN
TSEC1_TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com