Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 1 Page - NXP Semiconductors

  AFD4400 Datasheet HTML 1Page - NXP Semiconductors AFD4400 Datasheet HTML 2Page - NXP Semiconductors AFD4400 Datasheet HTML 3Page - NXP Semiconductors AFD4400 Datasheet HTML 4Page - NXP Semiconductors AFD4400 Datasheet HTML 5Page - NXP Semiconductors AFD4400 Datasheet HTML 6Page - NXP Semiconductors AFD4400 Datasheet HTML 7Page - NXP Semiconductors AFD4400 Datasheet HTML 8Page - NXP Semiconductors AFD4400 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
© 2015 Freescale Semiconductor, Inc. All rights reserved.
The following list provides an overview of the feature set:
• Flexible radio configurations
– Up to eight carriers in single or multi-mode
combinations
– LTE(FDD and TDD), WCDMA, N-CDMA, and GSM
supported
– Supported at least 80 MHz total carrier bandwidth
– Supported at least 100 MHz of instantaneous bandwidth
with non-contiguous carriers.
– Up to eight transmitters, eight receivers, and four
observability/sampling receivers
– Ability to cascade to support multi-sector or distributed
antenna systems
• Fully programmable signal processing paths
– Transmit path: eight vector signal processors
– Receive path: two vector signal processors
– Observability Path: one vector signal processor
– Processor elements sized to support common RF
subsystem processing requirements—crest factor
reduction, digital pre-distortion (DPD), channel filters,
up and down conversion, carrier combining and
separation, IQ compensation equalization, interpolation
and decimation, and beam forming
– Transmit/receive processing, busing, and memory
system sized for—closed-loop DPD operation up to
491.52 Msps, maximum transmit sample rate of 491.52
Msps, maximum receive sample rate of 245.76 Msps,
and maximum observability/sampling rate of 491.52
Msps
• Industry standard interfaces to external components
– CPRI v4.2 modem interface
– JESD204B transceiver interface
– Ethernet OA&M interface
– AISG antenna accessory interface
•ARM® Cortex®-A9 processor
– 32 KB L1 instruction cache
– 32 KB L1 data cache
– 256 KB L2 cache
– Neon extension for SIMD and floating point instructions
• Hierarchical memory architecture
– Local memories within each vector signal processor
domain
– System level shared memory
– 32-bit DDR3 interface with 500 MHz memory bus
speed.
– External NOR and SPI flash
• Debug – Built around ARM® CoreSight™ architecture
– JTAG run control interface
– 32-bit instruction trace port
– Dedicated JESD204B interface for debug IQ streaming
• Low-power design techniques
– Clock gating and isolation of clocks
– Power gating (PG)
– Power islands
AFD4400 Digital Front End
Processor Data Sheet
Document Number: AFD4400
Rev. 0, 10/2015
AFD4400
FC PBGA 1152
35 mm x 35 mm


Similar Part No. - AFD4400

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
AFD40 SYSTEMSENSOR-AFD40 Datasheet
368Kb / 2P
Solid StateWaterflow Detectors
More results

Similar Description - AFD4400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA001 STMICROELECTRONICS-STA001 Datasheet
310Kb / 20P
RF FRONT-END FOR DIGITAL RADIO
Nov-2002
logo
Sanyo Semicon Device
LA9702W SANYO-LA9702W Datasheet
493Kb / 10P
DVD Player Front End Processor
logo
Burr-Brown (TI)
VSP2080 BURR-BROWN-VSP2080 Datasheet
80Kb / 7P
CCD SIGNAL FRONT-END PROCESSOR FOR DIGITAL CAMERAS
logo
Exar Corporation
XR-T6166 EXAR-XR-T6166 Datasheet
151Kb / 16P
Codirectional Digital Data Processor
logo
List of Unclassifed Man...
DRP3510 ETC-DRP3510 Datasheet
450Kb / 30P
Digital Receiver Front-end
logo
Exar Corporation
XR-T6165 EXAR-XR-T6165 Datasheet
157Kb / 16P
Codirectional Digital Data Processor
logo
Power-One
HP600 POWER-ONE-HP600 Datasheet
106Kb / 6P
Multi-Output HP600 AC-DC Front End Data Sheet
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
Front End Processor for DVD Player
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9860 AD-AD9860_15 Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com