Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 41Page - NXP Semiconductors AFD4400 Datasheet HTML 42Page - NXP Semiconductors AFD4400 Datasheet HTML 43Page - NXP Semiconductors AFD4400 Datasheet HTML 44Page - NXP Semiconductors AFD4400 Datasheet HTML 45Page - NXP Semiconductors AFD4400 Datasheet HTML 46Page - NXP Semiconductors AFD4400 Datasheet HTML 47Page - NXP Semiconductors AFD4400 Datasheet HTML 48Page - NXP Semiconductors AFD4400 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 101 page
background image
Electrical characteristics
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Freescale Semiconductor
45
3.3
RESET initialization
This section describes the electrical specifications for the RESET initialization timing requirements.
The figure below shows reset timing diagram.
Figure 5. Reset timing diagram
NOTE
As shown in Figure 5, a stable DEVCLK1_P/N is required (at least one DEVCLK period
before) to AFD4400 before releasing the RSTIN_B pin.
This table provides RESET initialization timing specifications.
Table 20. Reset initialization timing specifications
ID
Parameter
Symbol
Min
Max
Unit
Note
CC1
Duration of RSTIN_B to be qualified as valid (assumption:
Input slope = 5 ns)
TRSTINV
50
—
ns
—
CC2
Duration of RSTOUT_B, RSTOUTn_B assertion after
de-assertion of RSTIN_B
TRSTOUTW
200
—
μs2
CC3
Delay from RSTIN_B to RSTOUT_B, RSTOUTn_B assertion TROUTLRINV
—35
ns
2
CC4
Duration of RSTOUTn_B for software bit based assertion
TRSTOUTnW
45
—
μs1,2
Note:
1. RSTOUT1_B to RSTOUT7_B can be asserted by writing into corresponding register bits in System Reset Controller
module. Refer AFD4400 Reference Manual for details.
2. RSTOUT1_B to RSTOUT7_B pulse width matches RSTOUT_B timing in case of power on reset, cold reset and warm
reset assertion.
RSTOUT_B
CC3
CC2
CC1
RSTIN_B
50%
50%
50%
50%
DEVCLK1_P/N
Stable clock
RSTOUTn_B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com