Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 43Page - NXP Semiconductors AFD4400 Datasheet HTML 44Page - NXP Semiconductors AFD4400 Datasheet HTML 45Page - NXP Semiconductors AFD4400 Datasheet HTML 46Page - NXP Semiconductors AFD4400 Datasheet HTML 47Page - NXP Semiconductors AFD4400 Datasheet HTML 48Page - NXP Semiconductors AFD4400 Datasheet HTML 49Page - NXP Semiconductors AFD4400 Datasheet HTML 50Page - NXP Semiconductors AFD4400 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 101 page
background image
Electrical characteristics
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Freescale Semiconductor
47
Half run mode
• Six VSPA running FIR with 100% utilization.
Remaining five power gated.
• ARM running code with 100% utilization.
• ARM Data accesses from DDR memory
• 4 JESD TX and 4 JESD RX at 9.8G rate, 1 lane
per interface
• 2 JESD RX for SRx function at 9.8G rate
• 2 CPRI running at 9.8G, one link in RE mode,
one link in REC mode
• Single Ethernet lane running at 1.25G
Maximum
105
VID
19.1
21.9
1,3,4
• Six VSPA running FIR 70% with 10% control
code. Remaining five power gated.
• ARM running code with 75% utilization
• 4 JESD TX and 4 JESD RX at 9.8G rate, 1 lane
per interface
• 2 JESD RX for SRx function at 9.8G rate
• 2 CPRI running at 9.8G, one link in RE mode,
one link in REC mode
Thermal
105
VID
15.3
18.1
2,3,4
Typical
70
VID
12.9
15.7
2,3,4,5
4T4R 40 MHz
bandwidth
• 4 Tx Antenna (153.6 MSPS)
• 4 Rx Antenna (76.8 MSPS)
• 2 SRx (153.6 MSPS)
• 40 MHz Occupied Bandwidth
• (8 - 5MHz LTE carriers per antenna)
• 40 MHz Instantaneous Bandwidth
• 153.6 MHz DPD Bandwidth
• 2 CPRI links at 9.8304Gbps rate
Thermal
105
VID
16.2
18.2
5
Full Standby
(CPRI active,
antenna paths
configured but
not active)
• All VSPA in partial powerdown waiting for go
event. Clocks enabled but gated.
• ARM in stop mode. Clocks enabled but gated.
Servicing only CPRI C&M messages
• 8 JESD TX and 8 JESD RX at 9.8G rate, 1 lane
per interface. Links active but no data transfer
(zeros sent, receive data ignored)
• 2 JESD RX for SRx function at 9.8G rate. Link
active but receive data ignored.
• 4 CPRI running at 9.8G, 2 links in RE mode, 2
links in REC mode
Typical
70
VID
3.4
7.2
5
Table 22. Power numbers (continued)
Characteristic
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com