Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 72Page - NXP Semiconductors AFD4400 Datasheet HTML 73Page - NXP Semiconductors AFD4400 Datasheet HTML 74Page - NXP Semiconductors AFD4400 Datasheet HTML 75Page - NXP Semiconductors AFD4400 Datasheet HTML 76Page - NXP Semiconductors AFD4400 Datasheet HTML 77Page - NXP Semiconductors AFD4400 Datasheet HTML 78Page - NXP Semiconductors AFD4400 Datasheet HTML 79Page - NXP Semiconductors AFD4400 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Electrical characteristics
Freescale Semiconductor
76
This table lists the AC requirements for SerDes reference clock DEVCLKn_P/DEVCLKn_N.
SGMII_REFCLK_P/SGMIIREFCLK_N total
reference clock jitter at 10-6 BER (peak-to-peak
jitter at refClk input)
tCLK_TJ
——
86
ps
—
SGMII_REFCLK_P/SGMIIREFCLK_N
rising/falling edge rate
tCLKRR/tCLKFR
1—
4
V/ns
2
Differential input high voltage
VIH
VCM+200
mV
——
mV
3
Differential input low voltage
VIL
——
VCM –200
mV
mV
3
Rising edge rate (SGMII_REFCLK_P) to falling
edge rate (SGMII_REFCLK_N) matching
Rise-Fall
Matching
——
20
%
4, 5
Notes:
1. Caution: Only 125 have been tested. In-between values do not work correctly with the rest of the system.
2. Measured from –200 mV to +200 mV on the differential waveform (derived from SGMII_REFCLK_P minus
SGMII_REFCLK_N). The signal must be monotonic through the measurement region for rise and fall time. The 400 mV
measurement window is centered on the differential zero crossing. See Figure 35.
3. Measurement taken from differential waveform
4. Measurement taken from single-ended waveform
5. Matching applies to rising edge for SGMII_REFCLK_P and falling edge rate for SGMII_REFCLK_N. It is measured using
a 200 mV window centered on the median cross point where SGMII_REFCLK_P rising meets SGMII_REFCLK_N falling.
The median cross point is used to calculate the voltage thresholds that the oscilloscope uses for the edge rate
calculations. The rise edge rate of SGMII_REFCLK_P must be compared to the fall edge rate of SGMII_REFCLK_N, the
maximum allowed difference should not exceed 20% of the slowest edge rate. See Figure 36.
Table 49. DEVCLKn_P/DEVCLKn_N input clock requirements
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Frequency range
tCLK_REF
—122.88
—
MHz
1
Clock frequency tolerance
tCLK_TOL
–100
—
100
ppm
—
Reference clock duty cycle (measured at 1.6 V)
tCLK_DUTY
45
50
55
%
—
Single side band noise at 1 KHz
tSSN_1K
——
–85
dBC/Hz
—
Single side band noise at 10 KHz
tSSN_10K
—
—
–108
dBC/Hz
—
Single side band noise at 100 KHz
tSSN_100K
—
—
–128
dBC/Hz
—
Single side band noise at 1 MHz
tSSN_1M
—
—
–138
dBC/Hz
—
Single side band noise at 10 MHz
tSSN_10M
—
—
–138
dBC/Hz
—
Random jitter (1.2 MHz to 15 MHz)
tJ_RANDOM
——
0.8
ps
—
Table 48. SGMII_REFCLK_P/SGMIIREFCLK_N (continued)requirement
Parameter
Symbol
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com