Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 40Page - NXP Semiconductors AFD4400 Datasheet HTML 41Page - NXP Semiconductors AFD4400 Datasheet HTML 42Page - NXP Semiconductors AFD4400 Datasheet HTML 43Page - NXP Semiconductors AFD4400 Datasheet HTML 44Page - NXP Semiconductors AFD4400 Datasheet HTML 45Page - NXP Semiconductors AFD4400 Datasheet HTML 46Page - NXP Semiconductors AFD4400 Datasheet HTML 47Page - NXP Semiconductors AFD4400 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 101 page
background image
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Electrical characteristics
Freescale Semiconductor
44
3.2
Power sequencing
The following figure depicts the power-up sequencing requirements.There is no timing parameters associated with it; board
designers need to ensure the sequence.
Figure 4. Power-up sequencing
3.2.1
Power-on ramp rate
This section describes the AC electrical specifications for the power-on ramp rate requirements. Controlling the maximum
power-on ramp rate is required to avoid falsely triggering the ESD circuitry. Table 19 provides the power supply ramp rate
specifications.
Table 19. Power supply ramp rate
Parameter
Min
Max
Unit
Note
Required ramp rate for all voltage supplies
—
25
V/mS
3,4
Required ramp rate for P1OVDD and P2OVDD
—
25
V/mS
1, 2,3,4
Note:
1. P1OVDD should be tied to ground during functional applications.This supply is needed in the factory for programming
of memory repair fuses.
2. P2OVDD should be tied to ground during functional applications. It can be driven to the specified supply during
functional fuse programming.
3. Ramp rate is specified as a linear ramp from 10 to 90%. If non-linear (for example, exponential), the maximum rate of
change from 200 to 500 mV is the most critical as this range might falsely trigger the ESD circuitry.
4. Over full recommended operating temperature range (see Table 3).
RSTIN_B
VDD
TRST_B
P1OVDD/P2OVDD
Note :
1. The Core VDD should come first. Other supplies can be in any order once the core supply is up and stable.
2. RSTIN_B and TRST_B should remain asserted till the power supplies get stable.
3. Refer to DC operating condition for supply specification.
FVDD/JVDD/GVDD1-9/MVDD/TVDD/
MVDD1_8/TVDD1_8/LVDD1-3/
SD1-3_XPA_DVDD
4. During power off VDD should be the last supply to get turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com