Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 88Page - NXP Semiconductors AFD4400 Datasheet HTML 89Page - NXP Semiconductors AFD4400 Datasheet HTML 90Page - NXP Semiconductors AFD4400 Datasheet HTML 91Page - NXP Semiconductors AFD4400 Datasheet HTML 92Page - NXP Semiconductors AFD4400 Datasheet HTML 93Page - NXP Semiconductors AFD4400 Datasheet HTML 94Page - NXP Semiconductors AFD4400 Datasheet HTML 95Page - NXP Semiconductors AFD4400 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 101 page
background image
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Hardware design considerations
Freescale Semiconductor
92
NOTE
A higher capacitance value for C2 may be used to improve the filter as long as the other C2
parameters do not change (0402 body, X5R, ESL
≤ 0.5 nH).
Voltage for APVDD is defined at the input of the PLL supply filter and not the pin of
APVDD.
Figure 48. PLL power supply filter circuit
The SDx_AVDD_PLLn signals provides power for the analog portions of the SerDes PLL. To ensure stability of the internal
clock, the power supplied to the PLL is filtered using a circuit similar to the one shown in following Figure 49. For maximum
effectiveness, the filter circuit is placed as closely as possible to the SDx_AVDD_PLLn balls to ensure it filters out as much
noise as possible. Prior to release of PLL reset, and start of PLL lock, the PLL supply must be at a stable and quiescent value.
The ground connection should be near the SDx_AVSS_PLLn balls. The 0.003-µF capacitors closest to the balls, followed by a
4.7-µF and 47-µF capacitor, and finally the 0.33
Ω resistor to the board supply plane. The capacitors are connected from
SDx_AVDD_PLLn to the ground plane. Use ceramic chip capacitors with the highest possible self-resonant frequency. All
traces should be kept short, wide, and direct.
Figure 49. SerDes PLL power supply filter circuit
Note the following:
•SDx_AVDD_PLLn should be a filtered version of VDDSDIO.
•
Signals on the SerDes interface are fed from the VDDSDIO power plane.
•
Voltage for SDx_AVDD_PLLn is defined at the PLL supply filter and not the pin of SDx_AVDD_PLLn.
•
A 47-µF 0805 XR5 or XR7, 4.7-µF 0603, and 0.003-µF 0402 capacitor are recommended. The size and material type
are important. A 0.33-
Ω ± 1% resistor is recommended.
•
There needs to be dedicated analog ground, SDx_AVSS_PLLn for each SDx_AVDD_PLLn pin up to the physical local
of the filters themselves.
•
The noise level on the SerDes PLL power supplies must be less than 10 mV Pk-Pk.
4.2.4
SerDes transceiver core supply filtering
VDDSDX should be supplied by a dedicated linear regulator. Systems may design to allow flexibility to address system noise
dependencies.
NOTE
For initial system bring-up, the linear regulator option is highly recommended.
APVDDn
C1
C2
GND
Low-ESL surface-mount capacitors
R
1.8 V source
4.7 µ
F
0.003 µ
F
0.33
Ω
47 µ
F
SDx_AVSS_PLLn
VDDSDIO
SDx_AVDD_PLLn
0 ohm(0603 sized) default resistance
VDDSDIO
Board Gnd
with provision to be changed to inductance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com