Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 65Page - NXP Semiconductors AFD4400 Datasheet HTML 66Page - NXP Semiconductors AFD4400 Datasheet HTML 67Page - NXP Semiconductors AFD4400 Datasheet HTML 68Page - NXP Semiconductors AFD4400 Datasheet HTML 69Page - NXP Semiconductors AFD4400 Datasheet HTML 70Page - NXP Semiconductors AFD4400 Datasheet HTML 71Page - NXP Semiconductors AFD4400 Datasheet HTML 72Page - NXP Semiconductors AFD4400 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
Electrical characteristics
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Freescale Semiconductor
69
3.6.8
GPIO signals
This section describes the AC electrical specifications for the GPIO pins.
3.6.8.1
GPIO AC timing specifications
This table provides the GPIO input and output AC timing specifications.
This figure provides the AC test load for the GPIO pin.
Figure 27. GPIO pin AC test load
3.6.9
I2C
This section describes the electrical information of the I2C interface.
3.6.9.1
I2C module timing
This table provides the timing characteristics for the I2C module.
Table 45. GPIO pin input AC timing specifications
For recommended operating conditions, see
Table 3.
Parameter
Symbol
Min
Unit
Notes
GPIO inputs—minimum pulse width
tPIWID
20
ns
1
Note:
1. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by any
external synchronous logic. GPIO inputs are required to be valid for at least tPIWID to ensure proper operation.
Table 46. I2C module timing characteristics
ID
Parameter
Symbol
Standard Mode
Fast Mode
Unit
Note
Min
Max
Min
Max
IC0
I2Cn_SCL frequency
fI2C
—100
—400
KHz
—
IC1
I2Cn_SCL cycle time
tI2C
10
—
2.5
—
μs—
IC6
LOW Period of the I2Cn_SCL
Clock
tI2CL
4.7
—
1.3
—
μs—
IC5
HIGH Period of I2Cn_SCL Clock
tI2CH
4.0
—
0.6
—
μs—
IC2
Hold time (repeated) START
condition
tI2SXKL
4.0
—
0.6
—
μs—
IC3
Set-up time for STOP condition
tI2PVKH
4.0
—
0.6
—
μs—
IC4
Data hold time
tI2DXKL
03.45
0
0.9
μs1,2
Output
Z0 = 50 Ω
OVDD/2
R
L = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com