Electronic Components Datasheet Search
  English  ▼

X  

AFD4400 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # AFD4400
Description  AFD4400 Digital Front End Processor Data Sheet
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFD4400 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button AFD4400 Datasheet HTML 53Page - NXP Semiconductors AFD4400 Datasheet HTML 54Page - NXP Semiconductors AFD4400 Datasheet HTML 55Page - NXP Semiconductors AFD4400 Datasheet HTML 56Page - NXP Semiconductors AFD4400 Datasheet HTML 57Page - NXP Semiconductors AFD4400 Datasheet HTML 58Page - NXP Semiconductors AFD4400 Datasheet HTML 59Page - NXP Semiconductors AFD4400 Datasheet HTML 60Page - NXP Semiconductors AFD4400 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 101 page
background image
Electrical characteristics
AFD4400 Digital Front End Processor Data Sheet, Rev. 0
Freescale Semiconductor
57
3.6.3
DDR controller
This table provides the timing parameters for DDR3 controller.
This table provides the write timing parameters for DDR3 write cycle.
This table provides the timing parameters for DDR3 read cycle.
Table 32. DDR3 timing parameter
ID
Parameter
Symbol
Min
Max
Unit
Note
DDR0
Clock Period
TMMKW
2—
ns
—
DDR1
CK clock high-level width
TMMKH
0.47
0.53
TMMKW
—
DDR2
CK clock low-level width
TMMKL
0.47
0.53
TMMKW
—
DDR4
CS, RAS, CAS, CKE, WE, ODT setup time TMMKHOV
440
—
ps
—
DDR5
CS, RAS, CAS, CKE, WE, ODT hold time
TMMKHOX
315
—
ps
—
DDR6
Address output setup time
TMMKHOV2 440
—
ps
—
DDR7
Address output hold time
TMMKHOX2 315
—
ps
—
Note:
1. All measurements are in reference to Vref level.
2. Measurements are done using balanced load and 25
Ω resistor from outputs to VDD_REF.
Table 33. DDR3 write cycle
ID
Parameter
Symbol
Min
Max
Unit
Note
DDR17
DQ and DQM setup time to DQS (differential
strobe)
TMMDHDV
215
—
ps
—
DDR18
DQ and DQM hold time to DQS (differential
strobe)
TMMDHDX
215
—
ps
—
DDR21
DQS latching rising transitions to associated
clock edges
TMMKHDH
–0.25
+0.25
TMMKW
—
DDR22
DQS high level width
TMMDQSH
0.45
0.55
TMMKW
—
DDR23
DQS low level width
TMMDQSL
0.45
0.55
TMMKW
—
Note:
1. To receive the reported setup and hold values, write calibration should be performed in order to locate the DQS in the
middle of DQ window.
2. All measurements are in reference to Vref level.
3. Measurements are done using balanced load and 25
Ω resistor from outputs to VDD_REF.
Table 34. DDR3 read cycle
ID
Parameters
Symbol
Min
Max
Unit
Note
DDR27
Tolerated skew for DDR_DQS - DDR_DQ
TMMDSKEW -150
150
ps
—
Note:
1. To receive the reported setup and hold values, read calibration should be performed in order to locate the DQS
in the middle of DQ window.
2. All measurements are in reference to Vref level.
3. Measurements are done using balanced load and 25
Ω resistor from outputs to VDD_REF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com