Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
Proprietary to OmniVision Technologies
Version 1.3, September 15, 2003
OV9625/OV9121
CMOS SXGA (1.3 MPixel) CAMERACHIP™
Omni
ision
Electrical Characteristics
NOTE:
Exceeding the Absolute Maximum ratings shown above invalidates all AC and DC electrical specifications and may
result in permanent device damage.
Table 4
Absolute Maximum Ratings
Ambient Storage Temperature
-40ºC to +125ºC
Supply Voltages (with respect to Ground)
VDD-A
3.3V
VDD-C
2.5V
VDD-IO
3.3V
All Input/Output Voltages (with respect to Ground)
-0.3V to VDD-IO+1V
Lead Temperature, Surface-mount process
+230ºC
ESD Rating, Human Body model
2000V
Table 5
DC Characteristics (0°C < TA < 70°C)
Symbol
Parameter
Min
Typ
Max
Unit
Supply
VDD-A
Supply voltage (DEVDD, ADVDD, AVDD, SVDD)
3.0
3.3
3.6
V
VDD-IO
Supply voltage (DOVDD)
3.0
3.3
3.6
V
VDD-C
Supply voltage (DVDD)
2.25
2.5
2.75
V
IDD1
Active (Operating) Current
40
60
mA
IDD2
Standby Current
1
mA
IDD3
Standby Current
10
µA
Digital Inputs
VIL
Input voltage LOW
0.8
V
VIH
Input voltage HIGH
2
V
CIN
Input capacitor
10
pF
Digital Outputs (standard loading 25 pF, 1.2 K
: to 3 V)
VOH
Output voltage HIGH
2.4
V
VOL
Output voltage LOW
0.6
V
SCCB Inputs
VIL
SIO_C and SIO_D
-0.5
0
1
V
VIH
SIO_C and SIO_D
2.5
3.3
VDD + 0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com