Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
Proprietary to OmniVision Technologies
Version 1.3, September 15, 2003
OV9625/OV9121
CMOS SXGA (1.3 MPixel) CAMERACHIP™
Omni
ision
Figure 16 SXGA Frame Timing
Figure 17 VGA Frame Timing
The specifications shown in Table 9 apply for DVDD = +2.5V, DOVDD = +3.3V, TA = 25°C, sensor working at 15 fps,
external loading = 30 pF.
Table 9
Pixel Timing Specification
Symbol
Parameter
Min
Typ
Max
Unit
tp
PCLK period
20.83
ns
tpr
PCLK rising time
10
ns
tpf
PCLK falling time
5
ns
tdphr
PCLK negative edge to HREF rising edge
0
5
ns
tdphf
PCLK negative edge to HREF negative edge
0
5
ns
tdpd
PCLK negative edge to data output delay
0
5
ns
tsu
Data bus setup time
15
ns
thd
Data bus hold time
8
ns
VSYNC
D[9:0]
HREF
1050 x tline
21284tp
4 x tline
12396tp
240tp
tline = 1520tp
1280tp
Invalid Data
Row 1
Row 2
Row 1023
Row 0
P0 - P1279
VSYNC
D[9:0]
HREF
500 x tline
6402tp
4 x tline
6558tp
160tp
tline = 800tp
640tp
Invalid Data
Row 1
Row 2
Row 479
Row 0
P0 - P639



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com