Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
Proprietary to OmniVision Technologies
Version 1.3, September 15, 2003
OV9625/OV9121
CMOS SXGA (1.3 MPixel) CAMERACHIP™
Omni
ision
Timing Specifications
Figure 13 SCCB Timing Diagram
Table 8
SCCB Timing Specifications
Symbol
Parameter
Min
Typ
Max
Unit
fSIO_C
Clock Frequency
400
KHz
tLOW
Clock Low Period
1.3
Ps
tHIGH
Clock High Period
600
ns
tAA
SIO_C low to Data Out valid
100
900
ns
tBUF
Bus free time before new START
1.3
Ps
tHD:STA
START condition Hold time
600
ns
tSU:STA
START condition Setup time
600
ns
tHD:DAT
Data-in Hold time
0
Ps
tSU:DAT
Data-in Setup time
100
ns
tSU:STO
STOP condition Setup time
600
ns
tR, tF
SCCB Rise/Fall times
300
ns
tDH
Data-out Hold time
50
ns
SIO_C
t
SU:STA
t
HD:STA
SIO_D
IN
SIO_D
OUT
t
F
t
LOW
t
HIGH
t
R
t
HD:DAT
t
SU:DAT
t
AA
t
DH
t
BUF
t
SU:STO
SCCB_E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com