Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Electrical Characteristics
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
11
Omni
ision
Table 6
AC Characteristics (TA = 25°C, VDD = 3V)
Symbol
Parameter
Min
Typ
Max
Unit
ADC Parameters
B
Analog bandwidth
12
MHz
DLE
DC differential linearity error
0.5
LSB
ILE
DC integral linearity error
1
LSB
Settling time for hardware reset
<1
ms
Settling time for software reset
<1
ms
Settling time for VGA/XSGA mode change
<1
ms
Settling time for register setting
<300
ms
Table 7
Timing Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Oscillator and Clock Input
fOSC
Frequency (XCLK1, XCLK2)
8
24
48
MHz
tr, tf
Clock input rise/fall time
2
ns
Clock input duty cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com