Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
Proprietary to OmniVision Technologies
Version 1.3, September 15, 2003
OV9625/OV9121
CMOS SXGA (1.3 MPixel) CAMERACHIP™
Omni
ision
09
COMC
0C
RW
Common Control C
Bit[7:5]:
Reserved
Bit[4]:
Sleep or power-down mode enable
0:
Normal
1:
Sleep mode
Bit[3:2]:
Crystal oscillator output current
00: Weakest
11: Strongest
Bit[1:0]:
Output Drive Select
00: Weakest
01: Double capability
10: Double capability
11: Triple drive current
0A
PIDH
96
R
Product ID Number MSB (Read only)
0B
PIDL
B1
R
Product ID Number LSB (Read only)
0C
COMD
28
RW
Common Control D
Bit[7]:
Reserved
Bit[6]:
Swap MSB and LSB at the output port
Bit[5:2]:
Reserved
Bit[1]:
Sensor precharge voltage selection
0:
Selects internal reference as precharge voltage
1:
Selects SVDD as precharge voltage
Bit[0]:
Snapshot option
0:
Enable live video output after snapshot sequence
1:
Output single frame only
0D
COME
00
RW
Common Control E
Bit[7]:
Reserved
Bit[6]:
Anti-blooming control
0:
Anti-blooming ON
1:
Anti-blooming OFF
Bit[5:3]:
Reserved
Bit[2]:
Clock output power-down pin status
0:
Maintain internal default states at power-down
1:
Tri-state the VSYNC and CHSYNC pins upon
power-down
Bit[1]:
Reserved
Bit[0]:
Digital port output
0:
Enable data port output
1:
Disable data port output
Table 11
Device Control Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com