Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 29Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Package Specifications
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
29
Omni
ision
Sensor Array Center
Figure 22 OV9625/OV9121 Sensor Array Center
NOTE: Picture is for reference only, not to scale.
Die shift (x,y) = 0.15 mm (6 mils) max.
Die tilt = 1 degrees max.
Die rotation = 3 degrees max.
Package Center
(0, 0)
Sensor
Array
Package
Positional Tolerances
Pin 1
1
Die
Important:
Most optical systems invert and mirror the image so the chip is usually
mounted on the board with pin 1 (SVDD) down as shown.
Array Center
(15.7 µm, -271.6 µm)
(0.62 mil, -10.69 mil)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com