Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Register Set
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
23
Omni
ision
19
VSTRT
01
(02 in
VGA)
RW
Vertical Window line start most significant 8 bits, LSB in register
COMM[4] (see “COMM” on page 26).
Bit[8:0]:
Selects the start of the vertical window, each LSB
represents four scan lines in SXGA or two scan lines in
VGA.
Note:
1. VSTRT[8:0] should be less than VEND[8:0].
2. For maximum output window size of 1292x1024, minimum value of
this register is 0x01.
1A
VEND
81
(7A in
VGA)
RW
Vertical Window line end most significant 8 bits, LSB in register
COMM[5] (see “COMM” on page 26).
Bit[8:0]:
Selects the end of the vertical window, each LSB
represents four scan lines in SXGA and two scan lines in
VGA.
Note:
1. VEND[8:0] should be larger than VSTRT[8:0].
2. For maximum output window size of 1292x1024, maximum value of
this register is 0x81.
1B
PSHFT
00
RW
Pixel Shift
Bit[7:0]:
Pixel delay count. Provides a method to fine tune the
output timing of the pixel data relative to the HREF pulse.
It physically shifts the video data output time in units of
pixel clock counts. The largest delay count is [FF] and is
equal to 255 x PCLK.
1C
MIDH
7F
R
Manufacturer ID Byte – High
(Read only = 0x7F)
1D
MIDL
A2
R
Manufacturer ID Byte – Low
(Read only = 0xA2)
1E-1F
RSVD
XX
–
Reserved
20
BOFF
10
RW
B Channel Offset Adjustment - auto controlled by internal circuit if
COMG[0] = 1 (see “COMG” on page 19)
Bit[7]:
Offset direction
0:
Add BOFF[6:0]
1:
Subtract BOFF[6:0]
Bit[6:0]:
B channel offset adjustment value
21
GbOFF
0F
RW
Gb Channel Offset Adjustment - auto controlled by internal circuit if
COMG[0] = 1 (see “COMG” on page 19)
Bit[7]:
Offset direction
0:
Add GbOFF[6:0]
1:
Subtract GbOFF[6:0]
Bit[6:0]:
Gb channel offset adjustment value
22
GrOFF
EF
RW
Gr Channel Offset Adjustment - auto controlled by internal circuit if
COMG[0] = 1 (see “COMG” on page 19)
Bit[7]:
Offset direction
0:
Add GrOFF[6:0]
1:
Subtract GrOFF[6:0]
Bit[6:0]:
Gr channel offset adjustment value
Table 11
Device Control Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com