Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Register Set
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
17
Omni
ision
Register Set
Table 11 provides a list and description of the Device Control registers contained in the OV9625/OV9121. The device slave
addresses are 60 for write and 61 for read.
Table 11
Device Control Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description
00
GAIN
00
RW
AGC – Gain Control
Bit[7:6]:
Reserved
Bit[5:0]:
Gain control gain setting
•
Range: 1x to 8x
Set COMI[0] = 0 (see “COMI” on page 21) to disable AGC
01
BLUE
80
RW
Blue gain control MSB, 8 bits (LSB 2 bits in COMA[3:2], see “COMA” on
page 17)
Note: This function is not available on the B&W OV9121.
02
RED
80
RW
Red gain control MSB, 8 bits (LSB 2 bits in COMA[1:0], see “COMA” on
page 17)
Note: This function is not available on the B&W OV9121.
03
COMA
40
RW
Common Control A
Bit[7:4]:
AWB update threshold
Bit[3:2]:
BLUE channel lower 2 bits gain control
Bit[1:0]:
RED channel lower 2 bits gain control
Note: This function is not available on the B&W OV9121.
04
COMB
00
RW
Common Control B
Bit[7,4]:
AWB – Update speed select
00: Slow
01: Slowest
10: Fast
11: Fast
Bit[6:5]:
AWB – Step select
00: 1023 steps
01: 255 steps
10: 511 steps
11: 255 steps
Bit[3]:
Reserved
Bit[2:0]:
AEC lower 3 bits, AEC[2:0] (see “AEC” on page 19 for
most significant 8 bits, AEC[10:3])
05
BAVG
00
RW
B Channel Average
06
GbAVG
00
RW
G Channel Average - picked G pixels in the same line with B pixels.
07
GrAVG
00
RW
G Channel Average - picked G pixels in the same line with R pixels.
08
RAVG
00
RW
R Channel Average



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com