Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 26Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 27Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 28Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Register Set
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
25
Omni
ision
2B
FRARL
00
RW
Line Interval Adjustment Value LSB 8 bits
The frame rate will be adjusted by changing the line interval. Each LSB
will add 2/1520 Tframe in SXGA and 2/800 Tframe in VGA mode to the
frame period.
2C
RBIAS
80
RW
R Channel Offset Manual Adjustment Value - effective only when
COMG[3] = 1 (see “COMG” on page 19).
Bit[7]:
Offset direction
0:
Add RBIAS[6:0]
1:
Subtract RBIAS[6:0]
Bit[6:0]:
R channel offset adjustment value
2D
ADDVSL
00
RW
VSYNC Pulse Width LSB 8 bits
Bit[7:0]:
Line periods added to VSYNC width. Default VSYNC
output width is 4 x tline. Each LSB count will add 1 x tline
to the VSYNC active period.
2E
ADDVSH
00
RW
VSYNC Pulse width MSB 8 bits
Bit[7:0]:
Line periods added to VSYNC width. Default VSYNC
output width is 4 x tline. Each MSB count will add
256 x tline to the VSYNC active period.
2F
YAVG
00
RW
Luminance Average
This register will auto update when COMH[5] = 1 (see “COMH” on
page 20). Average Luminance is calculated from the B/Gb/Gr/R
channel average as follows:
(BAVG[7:0] + GbAVG[7:0] + GrAVG[7:0] +RAVG[7:0])/4
30
HSDY
08
RW
HSYNC Position and Width Start Point Lower 8 bits
This register and COML[1:0] (see “COML” on page 24) define the
HSYNC start position, each LSB will shift HSYNC start point by 1 pixel
period.
31
HEDY
30
RW
HSYNC Position and Width End Point Lower 8 bits
This register and COML[3:2] (see “COML” on page 24) define the
HSYNC start position, each LSB will shift HSYNC start point by 1 pixel
period.
Table 11
Device Control Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com