Electronic Components Datasheet Search
  English  ▼

X  

OV9121 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # OV9121
Description  OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OV9121 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button OV9121 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV9121 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Pin Description
Version 1.3, September 15, 2003
Proprietary to OmniVision Technologies
9
Omni
ision
29
XCLK1
Input
Crystal clock input
30
XCLK2
Output
Crystal clock output
31
PCLK
Output
Pixel clock output
32
D5
Output
Digital video output bit[5]
33
D6
Output
Digital video output bit[6]
34
D7
Output
Digital video output bit[7]
35
D8
Output
Digital video output bit[8]
36
D9
Output
Digital video output bit[9]
37
DOVDD
Power
3.3 V power supply for digital video port
38
DOGND
Power
Ground for digital video port
39
HREF
Output
Horizontal reference output
40
CHSYNC
Output
Horizontal synchronization output when chip is in master mode.
41
VSYNC
Output
Vertical synchronization output when chip is in master mode.
42
NC
—
No connection
43
NC
—
No connection
44
NC
—
No connection
45
SIO_D
I/O
SCCB serial interface data I/O
46
SIO_C
Input
SCCB serial interface clock input
47
VcCHG
Analog
Sensor reference - bypass to ground using a 1 µF capacitor
48
SGND
Power
Ground for pixel array.
a.
Input (0) represents an internal pull-down low resistor.
Table 3
Pin Description (Continued)
Pin Number
Name
Pin Type
Function/Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com