Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 130 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 130 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 126Page - Intel Corporation 82845GL Datasheet HTML 127Page - Intel Corporation 82845GL Datasheet HTML 128Page - Intel Corporation 82845GL Datasheet HTML 129Page - Intel Corporation 82845GL Datasheet HTML 130Page - Intel Corporation 82845GL Datasheet HTML 131Page - Intel Corporation 82845GL Datasheet HTML 132Page - Intel Corporation 82845GL Datasheet HTML 133Page - Intel Corporation 82845GL Datasheet HTML 134Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 193 page
background image
Functional Description
130
Intel® 82845G/82845GL/82845GV GMCH Datasheet
Dynamic Bob and Weave
Interlaced data that originates from a video camera creates two fields that are temporally offset by
1/60 of a second. There are several schemes to deinterlace the video stream: line replication,
vertical filtering, field merging, and vertical temporal filtering. Field merging takes lines from the
previous field and inserts them into the current field to construct the frame – this is known as
Weaving. This is the best solution for images with little motion; however; showing a frame that
consists of the two fields will have serration or feathering of moving edges when there is motion in
the scene. Vertical filtering or “Bob” interpolates adjacent lines rather replicating the nearest
neighbor. This is the best solution for images with motion; however, it will have reduced spatial
resolution in areas that have no motion and introduces “jaggies.” In absence of any other
deinterlacing, these form the baseline and are supported by the GMCH.
Scaling Filter and Control
The scaling filter has 2-vertical taps and 5-horizontal taps. Arbitrary scaling (per pixel granularity)
for any video source format is supported.
The overlay logic can scale an input image up to 1600x1200 with no major degradation in the filter
used as long as the maximum frequency limitation is met. Display resolution and refresh rate
combinations where the dot clock is greater than the maximum frequency require the overlay to use
pixel replication.
4.4.3
Pipes
The display consists of a single pipe. The pipe can operate in a single-wide or double-wide mode at
2X graphics core clock; however, it is effectively limited by its display port (350 MHz max). The
primary display plane and the cursor plane provides a “double wide” mode to feed the pipe.
4.4.3.1
Clock Generator Units (DPLL)
The clock generator units provide a stable frequency for driving display devices. It operates by
converting an input reference frequency into an output frequency. The timing generators take their
input from the internal DPLL device that is programmable to generate pixel clocks in the range of
25 MHz –350 MHz. Accuracy for VESA timing modes is required to be within
± 0.5%.
The DPLL can take a reference frequency from the external reference input (DREFCLK) or the TV
clock input (DVOBC_CLKINT).
4.4.4
Ports
For more information on ports, refer to Section 4.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com