Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 132 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 132 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 128Page - Intel Corporation 82845GL Datasheet HTML 129Page - Intel Corporation 82845GL Datasheet HTML 130Page - Intel Corporation 82845GL Datasheet HTML 131Page - Intel Corporation 82845GL Datasheet HTML 132Page - Intel Corporation 82845GL Datasheet HTML 133Page - Intel Corporation 82845GL Datasheet HTML 134Page - Intel Corporation 82845GL Datasheet HTML 135Page - Intel Corporation 82845GL Datasheet HTML 136Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 193 page
background image
Functional Description
132
Intel® 82845G/82845GL/82845GV GMCH Datasheet
4.5.1
Analog Display Port Characteristics
The analog display port provides a RGB signal output along with a HSYNC and VSYNC signal.
There is an associated DDC signal pair that is implemented using GPIO pins dedicated to the
analog port. The intended target device is for a CRT-based monitor with a VGA connector. Display
devices such as LCD panels with analog inputs may work satisfactory but no functionality has been
added to the signals to enhance that capability.
Integrated RAMDAC
The display function contains a RAM-based Digital-to-Analog Converter (RAMDAC) that
transforms the digital data from the graphics and video subsystems to analog data for the CRT
monitor. The GMCH’s integrated 350 MHz RAMDAC supports resolutions up to 1920x1080 at
85 Hz and 2048x1536 at 60 Hz. Three 8-bit DACs provide the R, G, and B signals to the monitor.
Sync Signals
The HSYNC and VSYNC signals are digital and conform to TTL signal levels at the connector.
Since the GMCH has 3.3 V buffers for these signals, external level shifting may be required. These
signals can be polarity adjusted and individually disabled in one of the two possible states. The
sync signals should power up disabled in the high state. No composite sync or special flat panel
sync support is included.
VESA/VGA Mode
VESA/VGA mode provides compatibility for pre-existing software that sets the display mode
using the VGA CRTC registers. Timings are generated based on the VGA register values and the
timing generator registers are not used.
Table 4-10. Analog Port Characteristics
Signal
Port Characteristic
Support
RGB
Voltage Range
0.7 V p-p only
Monitor Sense
Analog Compare
Analog Copy Protection
No
Sync on Green
No
HSYNC
VSYNC
Voltage
LVTTL
Enable/Disable
Port control
Polarity adjust
VGA or port control
Composite Sync Support
No
Special Flat Panel Sync
No
Stereo Sync
No
DDC
Voltage
3.3 V – may need to be externally
buffered to 5 V
Control
Through GPIO interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com