Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 152 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 152 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 148Page - Intel Corporation 82845GL Datasheet HTML 149Page - Intel Corporation 82845GL Datasheet HTML 150Page - Intel Corporation 82845GL Datasheet HTML 151Page - Intel Corporation 82845GL Datasheet HTML 152Page - Intel Corporation 82845GL Datasheet HTML 153Page - Intel Corporation 82845GL Datasheet HTML 154Page - Intel Corporation 82845GL Datasheet HTML 155Page - Intel Corporation 82845GL Datasheet HTML 156Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 193 page
background image
Electrical Characteristics
152
Intel® 82845G/82845GL/82845GV GMCH Datasheet
NOTES:
1. Crossing voltage is defined as the instantaneous voltage value when the rising edge of HCLKP equals the
falling edge of HCLKN.
2. VIH(Ave) is the statistical average of the VIH measured by the oscilloscope.
3. VIH(Ave) can be measured directly using “Vtop” on Agilent* scopes and “High” on Tektronix* scopes.
4. The crossing point must meet the absolute and relative crossing point specifications simultaneously.
5. VCross(Rel) Maximum = 0.250+0.5(VIH(Ave)–0.71); VCross(Rel) Minimum = 0.550+0.5(VIH(Ave)–0.71). See
Figure 6-1.
3.3V SDR System Memory: Functional Operating Range (VCC=3.3V
±5%)
VIL_SDR
(p,r)
Input Low Voltage
SMVREF
(SDR)–0.350
V
VIH_SDR
(p,r)
Input High Voltage
SMVREF
(SDR)+0.350
V
VOL_SDR
(p,q)
Output Low Voltage
0.4
V
VOH_SDR
(p,q)
Output High Voltage
2.4
V
IOL_SDR
(p,q)
Output Low Current
4
mA @VOL_SDR max
IOH_SDR
(p,q)
Output High Current
-4
mA @VOH_SDR max
ILEAK_SDR
(p,r)
Input Leakage Current
±10
µA
0<Vin<
VCCSM(SDR)
CIN_SDR
(p,r)
Input Capacitance
5.5
pF
FC=1 MHz
3.3V Synchronization signals: Functional Operating Range (VCC=3.3V
±5%)
VIH
(t)
Output High Voltage
2.4
3.465
V
VIL
(t)
Output Low Voltage
0.0
0.5
V
IOH
(t)
Output High Current
-8
MA
IOL
(t)
Output Low Current
8
mA
Clocks and Miscellaneous Signals
VIL
(y)
3.3 V CMOS Input Low Voltage
0.8
V
VIH
(y)
3.3 V CMOS Input High Voltage
2.0
V
VOL
(y)
3.3 V CMOS Output Low Voltage
0.4
V
VOH
(y)
3.3 V CMOS Output High Voltage
2.4
V
IOL
(y)
3.3 V CMOS Output Low Current
4
mA @VOL max
IOH
(y)
3.3 V CMOS Output High Current
-4
mA @VOH min
ILEAK
(y)
3.3 V CMOS Input Leakage Current
±10
µA 0<Vin<VCC3
CIN
(y)
3.3 V CMOS Input Capacitance
5.5
pF
FC=1 MHz
VCross(Abs)
(j)
Absolute Crossing Voltage
0.250
0.550
V
1,2,4,5
VCross(Rel)
(j)
Relative Crossing Voltage
Note 5
Note 5
V
1,2,3,4,5
Table 6-6.
DC Characteristics (Sheet 2 of 2)
Symbol
Signal
Group
Parameter
Min
Nom
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com