Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 154 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 154 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 150Page - Intel Corporation 82845GL Datasheet HTML 151Page - Intel Corporation 82845GL Datasheet HTML 152Page - Intel Corporation 82845GL Datasheet HTML 153Page - Intel Corporation 82845GL Datasheet HTML 154Page - Intel Corporation 82845GL Datasheet HTML 155Page - Intel Corporation 82845GL Datasheet HTML 156Page - Intel Corporation 82845GL Datasheet HTML 157Page - Intel Corporation 82845GL Datasheet HTML 158Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 193 page
background image
Electrical Characteristics
154
Intel® 82845G/82845GL/82845GV GMCH Datasheet
6.6.2
DAC Reference and Output Specifications
NOTES:
1. VESA Video Signal Standard
2. Complement DAC channel output termination resistors are only required for differential video routing to the
VGA connector.
3. Video filter capacitors and ferrite bead arranged in a PI configuration (one PI filter for RED, GREEN, BLUE
outputs)
6.6.3
DAC AC Characteristics
NOTES:
1. Measured at each RED, GREEN, BLUE termination according to the VESA Test Procedure – Evaluation of
Analog Display Graphics Subsystems Proposal (Version 1, Draft 4, December 1, 2000)
2. R,G,B Max Video Rise/Fall Time: 50% of minimum pixel clock period
3. R,G,B Min Video Rise/Fall Time: 20% of minimum pixel clock period
4. Max settling time: 30% of minimum pixel clock period
5. Video channel-channel output skew: 25% of minimum pixel clock period
6. Overshoot/undershoot: ± 12% of black-white video level (full-scale) step function
7. Noise injection ratio: 0.5% of maximum luminance voltage (dc to max. pixel frequency)
Table 6-8. DAC Reference and Output Specifications
Parameter
Min
Typical
Max
Units
Notes
Reference resistor
137
Ω
1% tolerance, 1/16 W
RED, GREEN, BLUE
termination resistor
75
Ω
Note 1, 1% tolerance, 1/16 W
RED#,GREEN#,BLUE#
termination resistor
37.5
Ω
Note 2, 1% tolerance, 1/16 W
(applies to differential routing)
Video Filter Ferrite Bead
75
Ω
Note 3, @ 100 MHz, (each RED,
GREEN, BLUE output)
Video Filter Capacitors
3.3
pF
Note 3, two capacitors per RED,
GREEN, BLUE output
Table 6-9. DAC AC Characteristics
Parameter
Min
Typical
Max
Units
Notes
Pixel Clock Frequency
350
MHz
RED, GREEN, BLUE Video
Rise Time
0.57
1.43
ns
Notes 1, 2, (10–90% of black-to-
white transition, at 350 MHz pixel
clock)
RED, GREEN, BLUE Video
Fall Time
0.57
1.43
ns
Notes 1, 3, (90–10% of white-to-
black transition, at 350 MHz pixel
clock)
Settling Time
0.86
ns
Notes 1, 4, at 350 MHz pixel clock
Video channel-to-channel
output skew
0.714
ns
Notes 1, 5, at 350 MHz pixel clock
Overshoot/ Undershoot
-0.084
+0.084
V
Notes 1, 6, Full-scale voltage step
of 0.7 V
Noise Injection Ratio
0.5
%
Notes 1, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com