Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 114 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 110Page - NXP Semiconductors NTP53X2 Datasheet HTML 111Page - NXP Semiconductors NTP53X2 Datasheet HTML 112Page - NXP Semiconductors NTP53X2 Datasheet HTML 113Page - NXP Semiconductors NTP53X2 Datasheet HTML 114Page - NXP Semiconductors NTP53X2 Datasheet HTML 115Page - NXP Semiconductors NTP53X2 Datasheet HTML 116Page - NXP Semiconductors NTP53X2 Datasheet HTML 117Page - NXP Semiconductors NTP53X2 Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
114 / 133
10 Characteristics
10.1 Static Characteristics
Table 235. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
General
fi
input frequency
ISO/IEC 15693
13.553
13.56
13.567
MHz
Ci
input capacitance
LA-LB, Pin capacitance,
VLA-LB @ 1.8Vp, Network
Analyzer (13.56 MHz)
@Room temp
-
15
-
pF
Ri
Impedance from LA to LB
VLALB=1.8Vpp
30
-
-
kΩ
Operating conditions
Tamb
ambient temperature
Tj<Tj_max; for EEPROM
write operation
-40
25
85
°C
Tamb
ambient temperature
Tj<Tj_max; for EEPROM
read, SRAM and register
operation
-40
25
105
°C
RTH_JA
thermal resistance
JEDEC 2s2p board and
SO8 package
-
82
-
K/W
RTH_JA
thermal resistance
JEDEC 2s2p board and
TSSOP16 package
-
126
-
K/W
RTH_JA
thermal resistance
JEDEC 2s2p board and
XQFN16 package
-
75
-
K/W
VCC
supply voltage
on pin VCC
1.62
-
5.5
V
La/Lb; 12 A/m; RMS
-
-
43.75
mA
Ii
input current
La/Lb; 12 A/m; peak
-
-
61.87
mA
Current consumption
IVCC
VCC supply current
VCC = 5.5 V; NFC passive
communication no host
activity
-
120
150
µA
IVCC
VCC supply current
VCC = 5.5 V, IDLE Mode.
No NFC or Host activity
-
-
120
µA
IVCC
VCC supply current
VCC = 5.5 V, PWM/GPIO
use case
-
128
175
µA
IVCC
VCC supply current
VCC = 1.8 V, 400 kHz, I2C
read/write operation
-
115
163
µA
IVCC
VCC supply current
VCC = 3.3 V, 400 kHz, I2C
read/write operation
-
115
163
µA
IVCC
VCC supply current
VCC = 5.5 V, 400 kHz, I2C
read/write operation.
-
138
168
µA
Istandby Vcc
standby current
VCC = 1.8 V wake-up via
I2C
-
5.5
16
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com