Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 117 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 113Page - NXP Semiconductors NTP53X2 Datasheet HTML 114Page - NXP Semiconductors NTP53X2 Datasheet HTML 115Page - NXP Semiconductors NTP53X2 Datasheet HTML 116Page - NXP Semiconductors NTP53X2 Datasheet HTML 117Page - NXP Semiconductors NTP53X2 Datasheet HTML 118Page - NXP Semiconductors NTP53X2 Datasheet HTML 119Page - NXP Semiconductors NTP53X2 Datasheet HTML 120Page - NXP Semiconductors NTP53X2 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
117 / 133
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Pulse Width PWM signal pulse width
0.6
-
-
µs
PWMfreq_tol
PWM output frequency
tolerance
-
-
10
%
PWMV_tol
PWM output voltage
tolerance
IOH = 4 mA
VCC - 0.4
-
VCC
V
GPIO pin characteristics
CL = 20 pF; VCC = 1.8 V
-
-
20.9
ns
CL = 20 pF; VCC = 3.3 V
-
-
10.92
ns
tr
rise time
CL = 20 pF; VCC = 5.5 V
-
-
8.22
ns
CL = 20 pF; VCC = 1.8 V
-
-
129
ns
CL = 20 pF; VCC = 3.3 V
-
-
77.9
ns
tf
fall time
CL = 20 pF; VCC = 5.5 V
-
-
66.9
ns
Start Up time
tStart_VCC
VCC startup time from
power OFF state. After
this time, the IC is able to
receive the command from
I2C interface.
-
-
3
ms
tStart_RF
Startup time from NFC from
Power OFF state. After
this time, the IC is able to
receive the command from
NFC interface.
-
-
1
ms
EEPROM characteristics
tret
retention time
Ta < 85 °C
40
-
-
year
Nendu(W)
write endurance
Ta <85 °C
1000000
-
-
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com