Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 120Page - NXP Semiconductors NTP53X2 Datasheet HTML 121Page - NXP Semiconductors NTP53X2 Datasheet HTML 122Page - NXP Semiconductors NTP53X2 Datasheet HTML 123Page - NXP Semiconductors NTP53X2 Datasheet HTML 124Page - NXP Semiconductors NTP53X2 Datasheet HTML 125Page - NXP Semiconductors NTP53X2 Datasheet HTML 126Page - NXP Semiconductors NTP53X2 Datasheet HTML 127Page - NXP Semiconductors NTP53X2 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
124 / 133
15 Revision history
Table 238. Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
NTP53x2 v. 3.3
20200703
Product data sheet
.
NTP53x2 v. 3.2
Modifications:
• Clarified, that I2C master registers are only accessible from NFC perspective
• Clarified, that PICK RANDOM ID is only supported in AES mode
• Clarified that SRAM_CONFIG_PROT restricts access to blocks 37h to 54h (see
Section 8.1.3.23)
• Password identifier for access to restricted area added (see Table 125)
• Editorial updates
NTP53x2 v. 3.2
20200427
Product data sheet
.
NTP53x2 v. 3.1
NTP53x2 v. 3.1
20200324
Product data sheet
.
NTP53x2 v. 3.0
NTP53x2 v. 3.0
20200116
Product data sheet
.
NTP53x2 v. 2.0
NTP53x2 v. 2.0
20191002
Preliminary data sheet
-
-
NTP53x2 v. 1.0
20190528
Objective data sheet
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com