Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 43 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 43 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 39Page - PADAUK Technology. PFS123 Datasheet HTML 40Page - PADAUK Technology. PFS123 Datasheet HTML 41Page - PADAUK Technology. PFS123 Datasheet HTML 42Page - PADAUK Technology. PFS123 Datasheet HTML 43Page - PADAUK Technology. PFS123 Datasheet HTML 44Page - PADAUK Technology. PFS123 Datasheet HTML 45Page - PADAUK Technology. PFS123 Datasheet HTML 46Page - PADAUK Technology. PFS123 Datasheet HTML 47Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 43 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
5.6 VDD/2 LCD Bias Voltage Generator
There are five pins, PB0, PB1, PB2, PB5 and PB6, can be selected as the COM ports for LCD applications. By
setting misc.4=1, these five COM ports are able to output VDD, VDD/2, GND three levels voltage.
A COM port can still output VDD & GND by selecting 1 or 0 for pb.x in output mode (pbc.x=1) like a normal IO
port. Additionally, a COM port can also output VDD/2 by switching it to input mode (pbc.x=0). However, keep in
mind to turn off the pull-high resistor pbph.x and pbdier.x to prevent the output voltage level from disturbing.
Fig.9 shows how to use this function.
Pin set to output high
Pin set to input
Pin set to output low
VDD
VDD/2
GND
Fig. 9: Using VDD/2 LCD bias voltage generator
Note: ICE does NOT support the VDD/2 function of PB0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com