Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 61 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 61 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 57Page - PADAUK Technology. PFS123 Datasheet HTML 58Page - PADAUK Technology. PFS123 Datasheet HTML 59Page - PADAUK Technology. PFS123 Datasheet HTML 60Page - PADAUK Technology. PFS123 Datasheet HTML 61Page - PADAUK Technology. PFS123 Datasheet HTML 62Page - PADAUK Technology. PFS123 Datasheet HTML 63Page - PADAUK Technology. PFS123 Datasheet HTML 64Page - PADAUK Technology. PFS123 Datasheet HTML 65Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 61 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
5.12.3
Wake-up
After entering the Power-Down or Power-Save modes, the PFS123 can be resumed to normal operation
by toggling IO pins. Wake-up from timer are available for Power-Save mode ONLY. Table 5 shows the
differences in wake-up sources between STOPSYS and STOPEXE.
Differences in wake-up sources between STOPSYS and STOPEXE
IO Toggle
Timer wake-up
STOPSYS
Yes
No
STOPEXE
Yes
Yes
Table 5: Differences in wake-up sources between Power-Save mode and Power-Down mode
When using the IO pins to wake-up the PFS123, registers padier should be properly set to enable the
wake-up function for every corresponding pin. The time for normal wake-up is about 3000 ILRC clocks
counting from wake-up event; fast wake-up can be selected to reduce the wake-up time by misc register,
and the time for fast wake-up is about 45 ILRC clocks from IO toggling.
Suspend mode
Wake-up mode
Wake-up time (tWUP) from IO toggle
STOPEXE suspend
or
STOPSYS suspend
Fast wake-up
45 * TILRC,
Where TILRC is the time period of ILRC
STOPEXE suspend
or
STOPSYS suspend
Normal wake-up
3000 * TILRC,
Where TILRC is the clock period of ILRC
Please notice that when Fast boot-up is selected, no matter which wake-up mode is selected in misc.5,
the wake-up mode will be forced to be FAST. If Normal boot-up is selected, the wake-up mode is
determined by misc.5.
5.13 IO Pins
All the pins can be independently set into two states output or input by configuring the data registers (pa, pb,
pc), control registers (pac, pbc, pcc) and pull-high registers (paph, pbph, pcph). Four pins of them, PB2,
PB3, PC0 & PC1, have additional pull-low registers (pbpl.2, pbpl.3, pcpl.0, pcpl.1). All these pins have
Schmitt-trigger input buffer and output driver with CMOS level. When it is set to output low, the pull-high /
pull-low resistor is turned off automatically. If user wants to read the pin state, please notice that it should be
set to input mode before reading the data port; if user reads the data port when it is set to output mode, the
reading data comes from data register, NOT from IO pad. As an example, Table 6 shows the configuration
table of bit 0 of port A. The hardware diagram of IO buffer is also shown as Fig.21.
Table 6: PA0 Configuration Table
pa.0
pac.0 paph.0
Description
X
0
0
Input without pull-high resistor
X
0
1
Input with pull-high resistor
0
1
X
Output low without pull-high resistor
1
1
0
Output high without pull-high resistor
1
1
1
Output high with pull-high resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com