Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 5 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 5 Page - PADAUK Technology.

  PFS123 Datasheet HTML 1Page - PADAUK Technology. PFS123 Datasheet HTML 2Page - PADAUK Technology. PFS123 Datasheet HTML 3Page - PADAUK Technology. PFS123 Datasheet HTML 4Page - PADAUK Technology. PFS123 Datasheet HTML 5Page - PADAUK Technology. PFS123 Datasheet HTML 6Page - PADAUK Technology. PFS123 Datasheet HTML 7Page - PADAUK Technology. PFS123 Datasheet HTML 8Page - PADAUK Technology. PFS123 Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 5 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
6.4.
Interrupt Enable Register (inten), IO address = 0x04 ............................................................68
6.5.
Interrupt Request Register (intrq), IO address = 0x05 ...........................................................68
6.6.
Timer16 mode Register (t16m), IO address = 0x06...............................................................69
6.7.
External Oscillator setting Register (eoscr), IO address = 0x0a.............................................69
6.8.
Interrupt Edge Select Register (integs), IO address = 0x0c...................................................70
6.9.
Port A Digital Input Enable Register (padier), IO address = 0x0d ..........................................70
6.10.
Port B Digital Input Enable Register (pbdier), IO address = 0x0e ..........................................71
6.11.
Port C Digital Input Enable Register (pcdier), IO address = 0x0f ...........................................71
6.12.
Port A Data Register (pa), IO address = 0x10 .......................................................................71
6.13.
Port A Control Register (pac), IO address = 0x11 .................................................................71
6.14.
Port A Pull-High Register (paph), IO address = 0x12 ............................................................72
6.15.
Port B Data Register (pb), IO address = 0x13 .......................................................................72
6.16.
Port B Control Register (pbc), IO address = 0x14 .................................................................72
6.17.
Port B Pull-High Register (pbph), IO address = 0x15 ............................................................72
6.18.
Port C Data Register (pc), IO address = 0x16 .......................................................................72
6.19.
Port C Control Register (pcc), IO address = 0x17 .................................................................72
6.20.
Port C Pull-High Register (pcph), IO address = 0x18 ............................................................72
6.21.
Port B Pull-Low Register (pbpl), IO address = 0x19 ..............................................................73
6.22.
Port C Pull-Low Register (pcpl), IO address = 0x1a ..............................................................73
6.23.
ADC Control Register (adcc), IO address = 0x20 ..................................................................73
6.24.
ADC Mode Register (adcm), IO address = 0x21 ...................................................................74
6.25.
ADC Result High Register (adcrh), IO address = 0x22..........................................................74
6.26.
ADC Result Low Register (adcrl), IO address = 0x23............................................................74
6.27.
ADC Regulator Control Register (adcrgc), IO address = 0x24...............................................74
6.28.
MISC Register (misc), IO address = 0x26 .............................................................................75
6.29.
Comparator Control Register (gpcc), IO address = 0x2b.......................................................75
6.30.
Comparator Selection Register (gpcs), IO address = 0x2c ....................................................76
6.31.
Timer2 Control Register (tm2c), IO address = 0x30 ..............................................................76
6.32.
Timer2 Counter Register (tm2ct), IO address = 0x31 ............................................................76
6.33.
Timer2 Scalar Register (tm2s), IO address = 0x32................................................................77
6.34.
Timer2 Bound Register (tm2b), IO address = 0x33 ...............................................................77
6.35.
Timer3 Control Register (tm3c), IO address = 0x34 ..............................................................77
6.36.
Timer3 Counter Register (tm3ct), IO address = 0x35 ............................................................78
6.37.
Timer3 Scalar Register (tm3s), IO address = 0x36................................................................78
6.38.
Timer3 Bound Register (tm3b), IO address = 0x37 ...............................................................78
6.39.
PWMG0 control Register (pwmg0c), IO address = 0x40 .......................................................78
6.40.
PWMG Clock Register (pwmgclk), IO address = 0x41 ..........................................................79
6.41.
PWMG0 Duty Value High Register (pwmg0dth), IO address = 0x42 .....................................79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com