Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 35 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 35 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 31Page - PADAUK Technology. PFS123 Datasheet HTML 32Page - PADAUK Technology. PFS123 Datasheet HTML 33Page - PADAUK Technology. PFS123 Datasheet HTML 34Page - PADAUK Technology. PFS123 Datasheet HTML 35Page - PADAUK Technology. PFS123 Datasheet HTML 36Page - PADAUK Technology. PFS123 Datasheet HTML 37Page - PADAUK Technology. PFS123 Datasheet HTML 38Page - PADAUK Technology. PFS123 Datasheet HTML 39Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 35 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
Frequency
C1
C2
Measured
Start-up time
Conditions
4MHz
4.7pF
4.7pF
6ms
(eoscr[6:5]=11, misc.6=0)
1MHz
10pF
10pF
11ms
(eoscr[6:5]=10, misc.6=0)
32KHz
22pF
22pF
450ms
(eoscr[6:5]=01, misc.6=0)
Table 4: Recommend values of C1 and C2 for crystal and resonator oscillators
When using the crystal oscillator, user must pay attention to the stable time of oscillator after enabling it, the
stable time of oscillator will depend on frequency “crystal type” external capacitor and supply voltage. Before
switching the system to the crystal oscillator, user must make sure the oscillator is stable; the reference
program is shown as below:
void
FPPA0 (void)
{
. ADJUST_IC
SYSCLK=IHRC/16, IHRC=16MHz, VDD=5V
$
EOSCR
Enable, 4MHz;
// EOSCR = 0b110_00000;
$
T16M EOSC, /1, BIT13;
// T16 receive 2^14=16384 clocks of crystal EOSC,
// Intrq.T16 =>1, crystal EOSC Is stable
WORD
count =
0;
stt16 count;
Intrq.T16
=
0;
do
{
nop; }while(!Intrq.T16);
// count from 0x0000 to 0x2000, then set INTRQ.T16
clkmd =
0xB4;
// switch system clock to EOSC;
Clkmd.4 = 0;
// disable IHRC
...
Please notice that the crystal oscillator should be fully turned off before entering the power-down mode, in
order to avoid unexpected wakeup event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com