Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 96 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 96 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 92Page - PADAUK Technology. PFS123 Datasheet HTML 93Page - PADAUK Technology. PFS123 Datasheet HTML 94Page - PADAUK Technology. PFS123 Datasheet HTML 95Page - PADAUK Technology. PFS123 Datasheet HTML 96Page - PADAUK Technology. PFS123 Datasheet HTML 97Page - PADAUK Technology. PFS123 Datasheet HTML 98Page - PADAUK Technology. PFS123 Datasheet HTML 99Page - PADAUK Technology. PFS123 Datasheet HTML 100Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 96 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
pcadd
a
Next program counter is current program counter plus ACC.
Example:
pcadd
a;
Result: pc ← pc + a
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
Application Example:
------------------------------------------------------------------------------------------------------------------------
…
mov
a, 0x02 ;
pcadd
a ;
// PC <- PC+2
goto
err1 ;
goto
correct ;
// jump here
goto
err2 ;
goto
err3 ;
…
correct:
// jump here
…
------------------------------------------------------------------------------------------------------------------------
engint
Enable global interrupt enable
Example:
engint;
Result: Interrupt request can be sent to CPU
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
disgint
Disable global interrupt enable
Example:
disgint ;
Result: Interrupt request is blocked from CPU
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
stopsys
System halt.
Example:
stopsys;
Result: Stop the system clocks and halt the system
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
stopexe
CPU halt. The oscillator module is still active to output clock, however, system clock is disabled
to save power.
Example:
stopexe;
Result: Stop the system clocks and keep oscillator modules active.
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
reset
Reset the whole chip, its operation will be same as hardware reset.
Example:
reset;
Result: Reset the whole chip.
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
7.8. Summary of Instructions Execution Cycle
2T
goto, call, idxm, pcadd, ret, reti, ldtabl, ldtabh
2T
Condition is fulfilled.
ceqsn, cneqsn,t0sn, t1sn, dzsn, izsn
1T
Condition is not fulfilled.
1T
Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com