Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 18 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 18 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 14Page - PADAUK Technology. PFS123 Datasheet HTML 15Page - PADAUK Technology. PFS123 Datasheet HTML 16Page - PADAUK Technology. PFS123 Datasheet HTML 17Page - PADAUK Technology. PFS123 Datasheet HTML 18Page - PADAUK Technology. PFS123 Datasheet HTML 19Page - PADAUK Technology. PFS123 Datasheet HTML 20Page - PADAUK Technology. PFS123 Datasheet HTML 21Page - PADAUK Technology. PFS123 Datasheet HTML 22Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 18 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
4. Device Characteristics
4.1. AC/DC Device Characteristics
All data are acquired under the conditions of Ta = -20
oC ~ 70 oC, V
DD=5.0V, fSYS =2MHz unless noted.
Symbol
Description
Min
Typ
Max
Unit
Conditions (Ta=25
oC)
VDD
Operating Voltage
2.2*
5.0
5.5
V
* Subject to LVR tolerance
LVR%
Low Voltage Reset Tolerance
-5
5
%
fSYS
System clock (CLK)* =
IHRC/2
IHRC/4
IHRC/8
ILRC
0
0
0
93K
8M
4M
2M
Hz
VDD ≧ 3.5V
VDD ≧ 2.5V
VDD ≧ 2.2V
VDD = 5.0V
Pcycle
Program cycle
1000
cycles
VPOR
Power On Reset Voltage
2.0*
* Subject to LVR tolerance
IOP
Operating Current
0.75
87
mA
uA
fSYS=IHRC/16=1MIPS@5.0V
fSYS=ILRC=96KHz@5.0V
IPD
Power Down Current
(by stopsys command)
0.2
0.1
uA
uA
fSYS= 0Hz,VDD=5.0V
fSYS= 0Hz,VDD=3.3V
IPS
Power Save Current
(by stopexe command)
2.5
uA
VDD =5.0V; fSYS= ILRC
Only ILRC module is enabled.
VIL
Input low voltage for IO lines
0
0.1 VDD
V
VIH
Input high voltage for IO lines
0.8 VDD
0.7 VDD
VDD
VDD
V
PA5
Other IO
IOL
IO lines Sink current
PB4, PB5 (Normal)
PB4, PB5 (Strong)
PC0, PC2, PC3
Other IOs
10
40
30
10
mA
VDD=5.0V, VOL=0.5V
IOH
IO lines Drive current
PB4, PB5 (Normal)
PB4, PB5 (Strong)
PA5
Other IOs
5
20
0
5
mA
VDD=5.0V, VOH=4.5V
VIN
Input voltage
-0.3
VDD+0.3
V
IINJ (PIN)
Injected current on pin
1
mA
VDD +0.3≧VIN≧ -0.3
RPH
Pull-high Resistance
76
100
52
200
30
450
KΩ
VDD =5.0V, PB2/PB3/PC0/PC1
VDD =5.0V, Other IO
VDD =3.3V, PB2/PB3/PC1/PC1
VDD =3.3V, Other IO
VDD =2.2V, PB2/PB3/PC1/PC1
VDD =2.2V, Other IO
RPL
Pull-low Resistance
65
45
28
KΩ
VDD =5.0V, PB2/PB3/PC0/PC1
VDD =3.3V, PB2/PB3/PC0/PC1
VDD =2.2V, PB2/PB3/PC0/PC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com