Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 19 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 19 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 15Page - PADAUK Technology. PFS123 Datasheet HTML 16Page - PADAUK Technology. PFS123 Datasheet HTML 17Page - PADAUK Technology. PFS123 Datasheet HTML 18Page - PADAUK Technology. PFS123 Datasheet HTML 19Page - PADAUK Technology. PFS123 Datasheet HTML 20Page - PADAUK Technology. PFS123 Datasheet HTML 21Page - PADAUK Technology. PFS123 Datasheet HTML 22Page - PADAUK Technology. PFS123 Datasheet HTML 23Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 19 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
Symbol
Description
Min
Typ
Max
Unit
Conditions (Ta=25
oC)
VBG
Band-gap Reference Voltage
1.145*
1.20*
1.255*
V
VDD =2.2V ~ 5.5V
-20
oC <Ta<70oC*
fIHRC
Frequency of IHRC after
calibration *
15.76*
16*
16.24*
MHz
25
oC, V
DD =2.2V~5.5V
15.20*
16*
16.80*
VDD =2.2V~5.5V,
0
oC <Ta<70oC*
tINT
Interrupt pulse width
30
ns
VDD = 5.0V
VADC
ADC working voltage
2.2
VDD
V
VAD
AD Input Voltage
0
VDD
V
ADrs
ADC resolution
12
10
bit
0
oC <Ta<50oC*
-20
oC <Ta<70oC*
ADcs
ADC current consumption
0.9
0.8
mA
@5V
@3V
ADclk
ADC clock period
2
us
2.2V ~ 5.5V
tADCONV
ADC conversion time
(tADCLK is the period of the
selected AD conversion clock)
16
tADCLK
12-bit resolution
AD DNL
ADC Differential Non-Linearity
±4*
LSB
12-bit resolution LSB
AD INL
ADC Integral Non-Linearity
±8*
LSB
12-bit resolution LSB
ADos
ADC offset
5*
mV
@ VDD =3V
VDR
RAM data retention voltage*
1.5
V
in stop mode
tWDT
Watchdog timeout period
8k
TILRC
misc[1:0]=00 (default)
16k
misc[1:0]=01
64k
misc[1:0]=10
256k
misc[1:0]=11
tWUP
Wake-up time period (fast)
45
TILRC
Where TILRC is the time
period of ILRC
Wake-up time period (slow)
3000
tSBP
System boot-up period from
power-on for slow boot-up
50
ms
VDD =5V
System boot-up period from
power-on for Fast boot-up
750
us
VDD =5V
tRST
External reset pulse width
120
us
@ VDD =5V
CPos
Comparator offset*
-
±10
±20
mV
CPcm
Comparator input common
mode*
0
VDD -1.5
V
CPspt
Comparator response time*
100
500
ns
Both Rising and Falling
CPmc
Stable time to change
comparator mode
2.5
7.5
us
CPcs
Comparator current
consumption
20
uA
VDD = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com