Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 82 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 82 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 78Page - PADAUK Technology. PFS123 Datasheet HTML 79Page - PADAUK Technology. PFS123 Datasheet HTML 80Page - PADAUK Technology. PFS123 Datasheet HTML 81Page - PADAUK Technology. PFS123 Datasheet HTML 82Page - PADAUK Technology. PFS123 Datasheet HTML 83Page - PADAUK Technology. PFS123 Datasheet HTML 84Page - PADAUK Technology. PFS123 Datasheet HTML 85Page - PADAUK Technology. PFS123 Datasheet HTML 86Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 82 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
7. Instructions
Symbol
Description
ACC
Accumulator (Abbreviation of accumulator)
a
Accumulator (symbol of accumulator in program)
sp
Stack pointer
flag
ACC status flag register
I
Immediate data
&
Logical AND
|
Logical OR
←
Movement
^
Exclusive logic OR
+
Add
-
Subtraction
〜
NOT (logical complement, 1’s complement)
〒
NEG (2’s complement)
OV
Overflow (The operational result is out of range in signed 2’s complement number system)
Z
Zero (If the result of ALU operation is zero, this bit is set to 1)
C
Carry (The operational result is to have carry out for addition or to borrow carry for subtraction in
unsigned number system)
AC
Auxiliary Carry
(If there is a carry out from low nibble after the result of ALU operation, this bit is set to 1)
M.n
Only addressed in 0~0x7F (0~127) is allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com