Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 45 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 45 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 41Page - PADAUK Technology. PFS123 Datasheet HTML 42Page - PADAUK Technology. PFS123 Datasheet HTML 43Page - PADAUK Technology. PFS123 Datasheet HTML 44Page - PADAUK Technology. PFS123 Datasheet HTML 45Page - PADAUK Technology. PFS123 Datasheet HTML 46Page - PADAUK Technology. PFS123 Datasheet HTML 47Page - PADAUK Technology. PFS123 Datasheet HTML 48Page - PADAUK Technology. PFS123 Datasheet HTML 49Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 45 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
User can define the parameters of T16M based on system requirement, some examples are shown below and
more examples please refer to “Help
 Application Note  IC Introduction  Register Introduction  T16M” in
IDE utility.
$ T16M SYSCLK, /64, BIT15;
// choose (SYSCLK/64) as clock source, every 2^16 clock to set INTRQ.2=1
// if using System Clock = IHRC / 2 = 8 MHz
// SYSCLK/64 = 8 MHz/64 = 125KHz, about every 512 mS to generate INTRQ.2=1
$ T16M EOSC, /1, BIT13;
// choose (EOSC/1) as clock source, every 2^14 clocks to generate INTRQ.2=1
// if EOSC=32768 Hz, 32768 Hz/(2^14) = 2Hz, every 0.5S to generate INTRQ.2=1
$ T16M PA0_F, /1, BIT8;
// choose PA0 as clock source, every 2^9 to generate INTRQ.2=1
// receiving every 512 times PA0 to generate INTRQ.2=1
$ T16M STOP;
// stop Timer16 counting
If Timer16 is operated at free running, the frequency of interrupt can be described as below:
FINTRQ_T16M = Fclock source ÷ P ÷ 2
n+1
Where, F is the frequency of selected clock source to Timer16;
P is the selection of t16m [4:3]; (1, 4, 16, 64)
N is the n
th bit selected to request interrupt service, for example: n=10 if bit 10 is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com