Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 64 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 64 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 60Page - PADAUK Technology. PFS123 Datasheet HTML 61Page - PADAUK Technology. PFS123 Datasheet HTML 62Page - PADAUK Technology. PFS123 Datasheet HTML 63Page - PADAUK Technology. PFS123 Datasheet HTML 64Page - PADAUK Technology. PFS123 Datasheet HTML 65Page - PADAUK Technology. PFS123 Datasheet HTML 66Page - PADAUK Technology. PFS123 Datasheet HTML 67Page - PADAUK Technology. PFS123 Datasheet HTML 68Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 64 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
(7) Read the ADC result registers
5.15.1 The input requirement for AD conversion
For the AD conversion to meet its specified accuracy, the charge holding capacitor (CHOLD) must be allowed
to fully charge to the voltage reference high level and discharge to the voltage reference low level. The
analog input model is shown as Fig.23, the signal driving source impedance (Rs) and the internal sampling
switch impedance (Rss) will affect the required time to charge the capacitor CHOLD directly. The internal
sampling switch impedance may vary with ADC supply voltage; the signal driving source impedance will
affect accuracy of analog input signal.
User must ensure the measured signal is stable before sampling;
therefore, the maximum signal driving source impedance is highly dependent on the frequency of signal to
be measured. The recommended maximum impedance for analog driving source is about 10KΩ under
500KHz input frequency.
Fig. 23: Analog Input Model
5.15.2 Select the reference high voltage
The ADC reference high voltage can be selected via bit[7] of register adcrgc and its option can be VDD or
PB1 from external pin.
5.15.3 ADC clock selection
Before starting the AD conversion, the minimum signal acquisition time should be met for the selected
analog input signal, the selection of ADCLK must be met the minimum signal acquisition time.
The clock of ADC module (ADCLK) can be selected by adcm register; there are 8 possible options for
ADCLK from CLK÷1 to CLK÷128 (CLK is the system clock). Due to the signal acquisition time TACQ is one
clock period of ADCLK, the ADCLK must meet that requirement. The recommended ADC clock is to
operate at 2us.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com