Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 71 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 71 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 67Page - PADAUK Technology. PFS123 Datasheet HTML 68Page - PADAUK Technology. PFS123 Datasheet HTML 69Page - PADAUK Technology. PFS123 Datasheet HTML 70Page - PADAUK Technology. PFS123 Datasheet HTML 71Page - PADAUK Technology. PFS123 Datasheet HTML 72Page - PADAUK Technology. PFS123 Datasheet HTML 73Page - PADAUK Technology. PFS123 Datasheet HTML 74Page - PADAUK Technology. PFS123 Datasheet HTML 75Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 71 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
6.10.Port B Digital Input Enable Register (pbdier), IO address = 0x0e
Bit
Reset
R/W
Description
7 - 6
11
WO
Enable PB7~PB6 digital input and wake-up event.
1 / 0 : enable / disable
These bits can be set to low to prevent leakage current when PB7~PB6 are assigned as AD
inputs. When disable is selected, the wake-up function from these pins are also disabled.
5
1
WO
Enable PB5 digital input, wake-up event and interrupt request.
1 / 0 : enable / disable
This bit should be set to low when PB5 is assigned as AD input to prevent leakage current. If
this bit is set to low, PB5 can NOT be used to wake-up the system and interrupt request from
this pin.
4 - 1
1111
WO
Enable PB4~PB1 digital input and wake-up event.
1 / 0 : enable / disable
These bits can be set to low to prevent leakage current when PB4~PB1 are assigned as AD
inputs. When disable is selected, the wake-up function from these pins are also disabled.
0
1
WO
Enable PB0 digital input, wake-up event and interrupt request.
1 / 0 : enable / disable
This bit should be set to low when PB0 is assigned as AD input to prevent leakage current. If
this bit is set to low, PB0 can NOT be used to wake-up the system and interrupt request from
this pin.
6.11.Port C Digital Input Enable Register (pcdier), IO address = 0x0f
Bit
Reset
R/W
Description
7 - 4
-
-
Reserved.
3 - 0
0xF
WO
Enable PC3~PC0 digital input and wake-up event.
1 / 0 : enable / disable
These bits can be set to low to prevent leakage current when PC2~PC1 are assigned as AD
inputs. When disable is selected, the wake-up function and interrupt requests from these
pins are also disabled.
Note: Detail settings please refer to Section 9.3.
6.12. Port A Data Register (pa), IO address = 0x10
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
Data register for Port A.
6.13. Port A Control Register (pac), IO address = 0x11
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
Port A control registers. This register is used to define input mode or output mode for each
corresponding pin of port A.
0 / 1: input / output
Please note that PA5 can be INPUT or OUTPUT LOW ONLY, the output state will be tri-state
when PA5 is programmed into output mode with data 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com