Electronic Components Datasheet Search
  English  ▼

X  

PFS123 Datasheet(PDF) 85 Page - PADAUK Technology.

Part # PFS123
Description  8bit MTP Type MCU with 12-bit R-Type ADC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS123 Datasheet(HTML) 85 Page - PADAUK Technology.

Back Button PFS123 Datasheet HTML 81Page - PADAUK Technology. PFS123 Datasheet HTML 82Page - PADAUK Technology. PFS123 Datasheet HTML 83Page - PADAUK Technology. PFS123 Datasheet HTML 84Page - PADAUK Technology. PFS123 Datasheet HTML 85Page - PADAUK Technology. PFS123 Datasheet HTML 86Page - PADAUK Technology. PFS123 Datasheet HTML 87Page - PADAUK Technology. PFS123 Datasheet HTML 88Page - PADAUK Technology. PFS123 Datasheet HTML 89Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
PFS123
8bit MTP MCU with 12-bit R-Type ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 85 of 104
PDK-DS-PFS123-EN_V000-Aug. 26, 2020
stt16
word
Store 16-bit data from memory in word to Timer16.
Example:
stt16
word;
Result:
16-
bit timer ←word
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
Application Example:
------------------------------------------------------------------------------------------------------------------------
word
T16val ;
// declare a RAM word
…
mov
a, 0x34 ;
mov
lb@ T16val , a ;
// move 0x34 to T16val (LSB)
mov
a, 0x12 ;
mov
hb@ T16val , a ;
// move 0x12 to T16val (MSB)
stt16
T16val ;
// initial T16 with 0x1234
…
----------------------------------------------------------------------------------------------------------------------
Idxm a, index
Move data from specified memory to ACC by indirect method. It needs 2T to execute this
instruction.
Example:
idxm
a, index;
Result:
a ← [index], where index is declared by word.
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
Application Example:
------------------------------------------------------------------------------------------------------------------------
word
RAMIndex ;
// declare a RAM pointer
…
mov
a, 0x5B ;
// assign pointer to an address (LSB)
mov
lb@RAMIndex, a ;
// save pointer to RAM (LSB)
mov
a, 0x00 ;
// assign 0x00 to an address (MSB), should be 0
mov
hb@RAMIndex, a ;
// save pointer to RAM (MSB)
…
idxm
a, RAMIndex ;
// move memory data in address 0x5B to ACC
------------------------------------------------------------------------------------------------------------------------
Idxm
index, a
Move data from ACC to specified memory by indirect method. It needs 2T to execute this
instruction.
Example:
idxm
index, a;
Result:
[index] ← a; where index is declared by word.
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
Application Example:
------------------------------------------------------------------------------------------------------------------------
word
RAMIndex ;
// declare a RAM pointer
…
mov
a, 0x5B ;
// assign pointer to an address (LSB)
mov
lb@RAMIndex, a ;
// save pointer to RAM (LSB)
mov
a, 0x00 ;
// assign 0x00 to an address (MSB), should be 0
mov
hb@RAMIndex, a ;
// save pointer to RAM (MSB)
…
mov
a, 0xA5 ;
idxm
RAMIndex, a ;
// mov 0xA5 to memory in address 0x5B
------------------------------------------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com