Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 55 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 55 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 51Page - PADAUK Technology. PFS172 Datasheet HTML 52Page - PADAUK Technology. PFS172 Datasheet HTML 53Page - PADAUK Technology. PFS172 Datasheet HTML 54Page - PADAUK Technology. PFS172 Datasheet HTML 55Page - PADAUK Technology. PFS172 Datasheet HTML 56Page - PADAUK Technology. PFS172 Datasheet HTML 57Page - PADAUK Technology. PFS172 Datasheet HTML 58Page - PADAUK Technology. PFS172 Datasheet HTML 59Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 55 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
5.10.3
Wake-up
After entering the Power-Down or Power-Save modes, the PFS172 can be resumed to normal
operation by toggling IO pins, Wake-up from timer are available for Power-Save mode ONLY. Table 5
shows the differences in wake-up sources between STOPSYS and STOPEXE.
Differences in wake-up sources between STOPSYS and STOPEXE
IO Toggle
Timer wake-up
STOPSYS
Yes
No
STOPEXE
Yes
Yes
Table 5: Differences in wake-up sources between Power-Save mode and Power-Down mode
When using the IO pins to wake-up the PFS172, registers pxdier should be properly set to enable the
wake-up function for every corresponding pin. The time for normal wake-up is about 3000 ILRC clocks
counting from wake-up event; fast wake-up can be selected to reduce the wake-up time by misc register,
and the time for fast wake-up is about 45 ILRC clocks from IO toggling.
Suspend mode
Wake-up mode
Wake-up time (tWUP) from IO toggle
STOPEXE suspend
or
STOPSYS suspend
Fast wake-up
45 * TILRC,
Where TILRC is the time period of ILRC
STOPEXE suspend
or
STOPSYS suspend
Normal wake-up
3000 * TILRC,
Where TILRC is the clock period of ILRC
Please notice that when Fast boot-up is selected, no matter which wake-up mode is selected in misc.5,
the wake-up mode will be forced to be FAST. If Normal boot-up is selected, the wake-up mode is
determined by misc.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com