Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 81 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 81 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 77Page - PADAUK Technology. PFS172 Datasheet HTML 78Page - PADAUK Technology. PFS172 Datasheet HTML 79Page - PADAUK Technology. PFS172 Datasheet HTML 80Page - PADAUK Technology. PFS172 Datasheet HTML 81Page - PADAUK Technology. PFS172 Datasheet HTML 82Page - PADAUK Technology. PFS172 Datasheet HTML 83Page - PADAUK Technology. PFS172 Datasheet HTML 84Page - PADAUK Technology. PFS172 Datasheet HTML 85Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 81 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
7.5. Bit Operation Instructions
set0
IO.n
Set bit n of IO port to low
Example:
set0
pa.5 ;
Result: set bit 5 of port A to low
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
set1
IO.n
Set bit n of IO port to high
Example:
set1
pb.5 ;
Result: set bit 5 of port B to high
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
swapc
IO.n
Swap the nth bit of IO port with carry bit
Example:
swapc
IO.0;
Result: C ← IO.0 , IO.0 ← C
When IO.0 is a port to output pin, carry C will be sent to IO.0;
When IO.0 is a port from input pin, IO.0 will be sent to carry C;
Affected flags: 『N』Z
『Y』C
『N』AC
『N』OV
Application Example1 (serial output) :
------------------------------------------------------------------------------------------------------------------------
...
set1
pac.0 ;
// set PA.0 as output
...
set0
flag.1 ;
// C=0
swapc
pa.0 ;
// move C to PA.0 (bit operation), PA.0=0
set1
flag.1 ;
// C=1
swapc
pa.0 ;
// move C to PA.0 (bit operation), PA.0=1
...
------------------------------------------------------------------------------------------------------------------------
Application Example2 (serial input) :
------------------------------------------------------------------------------------------------------------------------
...
set0
pac.0 ;
// set PA.0 as input
...
swapc
pa.0 ;
// read PA.0 to C (bit operation)
src
a ;
// shift C to bit 7 of ACC
swapc
pa.0 ;
// read PA.0 to C (bit operation)
src
a ;
// shift new C to bit 7, old C
...
------------------------------------------------------------------------------------------------------------------------
set0
M.n
Set bit n of memory to low
Example:
set0
MEM.5 ;
Result: set bit 5 of MEM to low
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
set1
M.n
Set bit n of memory to high
Example:
set1
MEM.5 ;
Result: set bit 5 of MEM to high
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com