Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 61 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 61 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 57Page - PADAUK Technology. PFS172 Datasheet HTML 58Page - PADAUK Technology. PFS172 Datasheet HTML 59Page - PADAUK Technology. PFS172 Datasheet HTML 60Page - PADAUK Technology. PFS172 Datasheet HTML 61Page - PADAUK Technology. PFS172 Datasheet HTML 62Page - PADAUK Technology. PFS172 Datasheet HTML 63Page - PADAUK Technology. PFS172 Datasheet HTML 64Page - PADAUK Technology. PFS172 Datasheet HTML 65Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 61 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
6.4. Interrupt Enable Register (inten), IO address = 0x04
Bit
Reset
R/W
Description
7
0
R/W
Enable interrupt from Timer3. 0 / 1: disable / enable
6
0
R/W
Enable interrupt from Timer2. 0 / 1: disable / enable
5
0
-
Reserved
4
0
R/W
Enable interrupt from comparator. 0 / 1: disable / enable
3
0
R/W
Enable interrupt from ADC. 0 / 1: disable / enable
2
0
R/W
Enable interrupt from Timer16 overflow. 0 / 1: disable / enable
1
0
R/W
Enable interrupt from PB0/PA4. 0 / 1: disable / enable
0
0
R/W
Enable interrupt from PA0/PB5. 0 / 1: disable / enable
6.5. Interrupt Request Register (intrq), IO address = 0x05
Bit
Reset
R/W
Description
7
-
R/W
Interrupt Request from Timer3, this bit is set by hardware and cleared by software.
0 / 1: No request / Request
6
-
R/W
Interrupt Request from Timer2, this bit is set by hardware and cleared by software.
0 / 1: No request / Request
5
-
-
Reserved
4
-
R/W
Interrupt Request from comparator, this bit is set by hardware and cleared by software.
0 / 1: No request / Request
3
-
R/W
Interrupt Request from ADC, this bit is set by hardware and cleared by software.
0 / 1: No request / Request
2
-
R/W
Interrupt Request from Timer16, this bit is set by hardware and cleared by software.
0 / 1: No request / Request
1
-
R/W
Interrupt Request from pin PB0/PA4, this bit is set by hardware and cleared by software.
0 / 1: No request / Request
0
-
R/W
Interrupt Request from pin PA0/PB5, this bit is set by hardware and cleared by software.
0 / 1: No Request / request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com