Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 15 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 15 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 11Page - PADAUK Technology. PFS172 Datasheet HTML 12Page - PADAUK Technology. PFS172 Datasheet HTML 13Page - PADAUK Technology. PFS172 Datasheet HTML 14Page - PADAUK Technology. PFS172 Datasheet HTML 15Page - PADAUK Technology. PFS172 Datasheet HTML 16Page - PADAUK Technology. PFS172 Datasheet HTML 17Page - PADAUK Technology. PFS172 Datasheet HTML 18Page - PADAUK Technology. PFS172 Datasheet HTML 19Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 15 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
Pin Name
Pin Type &
Buffer Type
Description
PB3 /
AD3
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 3 of port B. It can be configured as digital input, two-state output with pull-high
/ pull-low resistor by software independently.
(2) Channel 3 of ADC analog input
When this pin is configured as analog input, please use bit 3 of register pbdier to
disable the digital input to prevent current leakage. The bit 3 of pbdier register can
be set to “0” to disable digital input; wake-up from power-down by toggling this pin is
also disabled.
PB2 /
AD2 /
TM2PWM
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 2 of port B. It can be configured as digital input, two-state output with pull-high
/ pull-low resistor by software independently.
(2) Channel 2 of ADC analog input
(3) PWM output from Timer2
When this pin is configured as analog input, please use bit 2 of register pbdier to
disable the digital input to prevent current leakage. The bit 2 of pbdier register can
be set to “0” to disable digital input; wake-up from power-down by toggling this pin is
also disabled.
PB1 /
AD1
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 1 of port B. It can be configured as digital input, two-state output with pull-high
/ pull-low resistor by software independently.
(2) Channel 1 of ADC analog input
When this pin is configured as analog input, please use bit 1 of register pbdier to
disable the digital input to prevent current leakage. The bit 1 of pbdier register can
be set to “0” to disable digital input; wake-up from power-down by toggling this pin is
also disabled.
PB0 /
AD0 /
INT1
IO
ST /
CMOS /
Analog
The functions of this pin can be:
(1) Bit 0 of port B. It can be configured as digital input, two-state output with pull-high
/ pull-low resistor by software independently.
(2) Channel 0 of ADC analog input
(3) External interrupt line 1. It can be used as an external interrupt line 1. Both rising
edge and falling edge are accepted to request interrupt service and configurable
by register setting.
When this pin is configured as analog input, please use bit 0 of register pbdier to
disable the digital input to prevent current leakage. The bit 0 of pbdier register can be
set to “0” to disable digital input; wake-up from power-down by toggling this pin is also
disabled.
VDD /
AVDD
VDD /
AVDD
VDD: Digital positive power
AVDD: Analog positive power
VDD is the IC power supply while AVDD is the ADC power supply. AVDD and VDD
are double bonding internally and they have the same external pin.
GND /
AGND
GND /
AGND
GND: Digital negative power
AGND: Analog negative power
GND is the IC ground pin while AGND is the ADC ground pin. AGND and GND are
double bonding internally and they have the same external pin.
Notes:
IO: Input/Output; ST: Schmitt Trigger input; Analog: Analog input pin; CMOS: CMOS voltage level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com