Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 58 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 58 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 54Page - PADAUK Technology. PFS172 Datasheet HTML 55Page - PADAUK Technology. PFS172 Datasheet HTML 56Page - PADAUK Technology. PFS172 Datasheet HTML 57Page - PADAUK Technology. PFS172 Datasheet HTML 58Page - PADAUK Technology. PFS172 Datasheet HTML 59Page - PADAUK Technology. PFS172 Datasheet HTML 60Page - PADAUK Technology. PFS172 Datasheet HTML 61Page - PADAUK Technology. PFS172 Datasheet HTML 62Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 58 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
There are 5 registers when using the ADC module, which are:
 ADC Control Register (adcc)
 ADC Mode Register (adcm)
 ADC Result Register (adcr)
 Port A/B Digital Input Enable Register (padier, pbdier)
The following steps are required to do the AD conversion procedure:
(1) Configure the AD conversion clock by adcm register
(2) Configure the pin as analog input by padier, pbdier register
(3) Select the ADC input channel by adcc register
(4) Enable the ADC module by adcc register
(5) Execute the AD conversion and check if ADC data is ready
set ‘1’ to addc.6 to start the conversion and check whether addc.6 is ‘1’
(6) Read the ADC result registers
5.13.1 The input requirement for AD conversion
For the AD conversion to meet its specified accuracy, the charge holding capacitor (CHOLD) must be
allowed to fully charge to the voltage reference high level and discharge to the voltage reference low level.
The analog input model is shown as Fig.19, the signal driving source impedance (Rs) and the internal
sampling switch impedance (Rss) will affect the required time to charge the capacitor CHOLD directly. The
internal sampling switch impedance may vary with ADC supply voltage; the signal driving source
impedance will affect accuracy of analog input signal.
User must ensure the measured signal is stable
before sampling; therefore, the maximum signal driving source impedance is highly dependent on the
frequency of signal to be measured. The recommended maximum impedance for analog driving source is
about 10KΩ under 500KHz input frequency.
Fig.19: Analog Input Model
Before starting the AD conversion, the minimum signal acquisition time should be met for the selected
analog input signal, the selection of ADCLK must be met the minimum signal acquisition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com