Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 56 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 56 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 52Page - PADAUK Technology. PFS172 Datasheet HTML 53Page - PADAUK Technology. PFS172 Datasheet HTML 54Page - PADAUK Technology. PFS172 Datasheet HTML 55Page - PADAUK Technology. PFS172 Datasheet HTML 56Page - PADAUK Technology. PFS172 Datasheet HTML 57Page - PADAUK Technology. PFS172 Datasheet HTML 58Page - PADAUK Technology. PFS172 Datasheet HTML 59Page - PADAUK Technology. PFS172 Datasheet HTML 60Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 56 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
5.11 IO Pins
All the pins can be independently set into two states output or input by configuring the data registers (pa, pb),
control registers (pac, pbc) and pull-high registers (paph, pbph) or pull-low registers (papl, pbpl). All these
pins have Schmitt-trigger input buffer and output driver with CMOS level. When it is set to output low, the
pull-high / pull-low resistor is turned off automatically. If user wants to read the pin state, please notice that it
should be set to input mode before reading the data port; if user reads the data port when it is set to output
mode, the reading data comes from data register, NOT from IO pad. As an example, Table 6 shows the
configuration table of bit 0 of port A. The hardware diagram of IO buffer is also shown as Fig.17.
Table 6: PA0 Configuration Table
Fig. 17: Hardware diagram of IO buffer
PB4 and PB7 can adjust their drive and sink current by code option PB4_PB7_Drive.
pa.0
pac.0 paph.0 papl.0
Description
X
0
0
0
Input without pull-high / pull-low resistor
X
0
1
0
Input with pull-high resistor
X
0
0
1
Input with pull-low resistor
X
0
1
1
Input with pull-low / pull-high rseistor
0
1
X
X
Output low without pull-high / pull-low resistor
1
1
X
X
Output high without pull-high / pull-low resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com