Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 36 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 36 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 32Page - PADAUK Technology. PFS172 Datasheet HTML 33Page - PADAUK Technology. PFS172 Datasheet HTML 34Page - PADAUK Technology. PFS172 Datasheet HTML 35Page - PADAUK Technology. PFS172 Datasheet HTML 36Page - PADAUK Technology. PFS172 Datasheet HTML 37Page - PADAUK Technology. PFS172 Datasheet HTML 38Page - PADAUK Technology. PFS172 Datasheet HTML 39Page - PADAUK Technology. PFS172 Datasheet HTML 40Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 36 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
5.5.1
Internal reference voltage (Vinternal R)
The internal reference voltage Vinternal R is built by series resistance to provide different level of reference
voltage, bit 4 and bit 5 of gpcs register are used to select the maximum and minimum values of Vinternal R
and bit [3:0] of gpcs register are used to select one of the voltage level which is deivided-by-16 from the
defined maximum level to minimum level. Fig.5 to Fig.8 shows four conditions to have different reference
voltage Vinternal R. By setting the gpcs register, the internal reference voltage Vinternal R can be ranged from
(1/32)*VDD to (3/4)*VDD.
gpcs.5=1
gpcs.5=0
gpcs.4=0
gpcs.4=1
8R
R
R
R
R
16 stages
VDD
8R
8R
8R
8R
MUX
gpcs[3:0]
Case 1 : gpcs.5=0 & gpcs.4=0
V
internal R = (3/4) VDD ~ (1/4) VDD + (1/32) VDD
@ gpcs[3:0] = 1111 ~ gpcs[3:0] = 0000
V
internal R =
* VDD +
* VDD, n = gpcs[3:0] in decimal
1
4
(n+1)
32
Fig.5: Vinternal R hardware connection if gpcs.5=0 and gpcs.4=0
gpcs.5=1
gpcs.5=0
gpcs.4=0
gpcs.4=1
8R
R
R
R
R
16 stages
VDD
8R
8R
8R
8R
MUX
gpcs[3:0]
Case 2 : gpcs.5=0 & gpcs.4= 1
V
internal R = (2/3) VDD ~ (1/24) VDD
@ gpcs[3:0] = 1111 ~ gpcs[3:0] = 0000
V
internal R =
* VDD, n = gpcs[3:0] in decimal
(n+1)
24
Fig.6: Vinternal R hardware connection if gpcs.5=0 and gpcs.4=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com